Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN60N80P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN60N80P
Description  PolarHV HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN60N80P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN60N80P Datasheet HTML 1Page - IXYS Corporation IXFN60N80P Datasheet HTML 2Page - IXYS Corporation IXFN60N80P Datasheet HTML 3Page - IXYS Corporation IXFN60N80P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 IXYS All rights reserved
DS99562E(02/06)
PolarHVTM HiPerFET
Power MOSFET
V
DSS
= 800
V
I
D25
= 53 A
R
DS(on)
≤≤≤≤ 140 mΩ
t
rr
≤≤≤≤≤ 250 ns
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 3 mA
800
V
V
GS(th)
V
DS = VGS, ID = 8 mA
3.0
5.0
V
I
GSS
V
GS = ±30 VDC, VDS = 0
±200
nA
I
DSS
V
DS = VDSS
25
µA
V
GS = 0 V
T
J = 125° C
3000
µA
R
DS(on)
V
GS = 10 V, ID = IT, Note 1
140
m
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25° C to 150° C
800
V
V
DGR
T
J = 25° C to 150° C; RGS = 1 MΩ
800
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25° C53
A
I
DM
T
C = 25° C, pulse width limited by TJM
250
A
I
AR
T
C = 25° C30
A
E
AR
T
C = 25° C
100
mJ
E
AS
T
C = 25° C5
J
dv/dt
I
S
≤I
DM, di/dt ≤100 A/µs, VDD ≤VDSS,
20
V/ns
T
J ≤150° C, RG = 2 Ω
P
D
T
C = 25° C
1040
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤1 mA
t = 1 s
3000
V~
M
d
Mounting torque
1.5 / 13 Nm/lb.in.
Terminal connection torque
1.5 / 13 Nm/lb.in.
Weight
30
g
IXFN 60N80P
G
D
S
S
miniBLOC, SOT-227 B (IXFN)
E153432
G = Gate
D = Drain
S = Source
Either Source terminal S can be used as the
Source terminal or the Kelvin Source (gate
return) terminal.
Features
International standard package
Encapsulating epoxy meets
UL 94 V-0, flammability classification
miniBLOC with Aluminium nitride
isolation
l Fast recovery diode
l Unclamped Inductive Switching (UIS)
rated
l Low package inductance
- easy to drive and to protect
Advantages
l
Easy to mount
l
Space savings
l
High power density


Similar Part No. - IXFN60N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN60N80P IXYS-IXFN60N80P Datasheet
232Kb / 6P
Power MOSFET
logo
Inchange Semiconductor ...
IXFN60N80P ISC-IXFN60N80P Datasheet
598Kb / 3P
N-Channel MOSFET
logo
IXYS Corporation
IXFN60N80P IXYS-IXFN60N80P_V01 Datasheet
232Kb / 6P
Power MOSFET
More results

Similar Description - IXFN60N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFC30N60P IXYS-IXFC30N60P Datasheet
141Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFC36N50P IXYS-IXFC36N50P Datasheet
254Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH20N80P IXYS-IXFH20N80P Datasheet
331Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH44N50P IXYS-IXFH44N50P Datasheet
301Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN48N60P IXYS-IXFN48N60P Datasheet
90Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFN80N50P IXYS-IXFN80N50P Datasheet
162Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN82N60P IXYS-IXFN82N60P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN100N50P IXYS-IXFN100N50P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFA16N50P IXYS-IXFA16N50P Datasheet
221Kb / 4P
PolarHV HiperFET Power MOSFET
IXFI7N80P IXYS-IXFI7N80P Datasheet
146Kb / 4P
PolarHV HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com