Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN80N48 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN80N48
Description  HiPerFET Power MOSFETs Single Die MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN80N48 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN80N48 Datasheet HTML 1Page - IXYS Corporation IXFN80N48 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
Features
• International standard packages
• miniBLOC, with Aluminium nitride
isolation
• Low R
DS (on) HDMOS
TM
process
• Rugged polysilicon gate cell structure
• Unclamped Inductive Switching (UIS)
rated
• Low package inductance
• Fast intrinsic Rectifier
Applications
• DC-DC converters
• Battery chargers
• Switched-mode and resonant-mode
power supplies
• DC choppers
• Temperature and lighting controls
Advantages
• Easy to mount
• Space savings
• High power density
Symbol
TestConditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ. max.
V
DSS
V
GS = 0 V, ID = 3 mA
480
V
V
GH(th)
V
DS = VGS, ID = 8 mA
2
4
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±200
nA
I
DSS
V
DS = VDSS
T
J =
25°C
100
mA
V
GS = 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
45 m W
Pulse test, t £ 300 ms,
duty cycle d £ 2 %
Symbol
TestConditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
480
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MW
480
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C, Chip capability80
A
I
DM
T
C = 25°C, pulse width limited by TJM
320
A
I
AR
T
C = 25°C80
A
E
AR
T
C = 25°C64
mJ
E
AS
T
C = 25°C6
J
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS,
5
V/ns
T
J £ 150°C, RG = 2 W
P
D
T
C = 25°C
700
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL £ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque
1.5/13 Nm/lb.in.
Weight
30
g
HiPerFETTM
Power MOSFETs
Single Die MOSFET
N-ChannelEnhancementMode
Avalanche Rated, High dv/dt, Low t
rr
98724 (05/31/00)
D
S
G
S
S
G
S
D
miniBLOC,SOT-227B(IXFN)
E153432
G = Gate
D = Drain
S = Source
Either Source terminal of miniBLOC can be used
as Main or Kelvin Source
IXFN 80N48
V
DSS
= 480 V
I
D25
= 80 A
R
DS(on)
= 45 mW
Preliminary data sheet


Similar Part No. - IXFN80N48

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN80N50 IXYS-IXFN80N50 Datasheet
126Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN80N50 IXYS-IXFN80N50 Datasheet
577Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
logo
Inchange Semiconductor ...
IXFN80N50 ISC-IXFN80N50 Datasheet
663Kb / 3P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFN80N50P IXYS-IXFN80N50P Datasheet
162Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN80N50Q2 IXYS-IXFN80N50Q2 Datasheet
118Kb / 4P
HiPerFET Power MOSFET Q2-Class
More results

Similar Description - IXFN80N48

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN340N06 IXYS-IXFN340N06 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN280N07 IXYS-IXFN280N07 Datasheet
102Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN34N100 IXYS-IXFN34N100 Datasheet
101Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN75N50 IXYS-IXFN75N50 Datasheet
126Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN39N90 IXYS-IXFN39N90 Datasheet
125Kb / 4P
HiPerFET Power MOSFETs Single MOSFET Die
IXFN60N60 IXYS-IXFN60N60 Datasheet
71Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN130N30 IXYS-IXFN130N30 Datasheet
162Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
IXFL44N60 IXYS-IXFL44N60 Datasheet
532Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN48N55 IXYS-IXFN48N55 Datasheet
77Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN80N50 IXYS-IXFN80N50 Datasheet
577Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com