Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN80N50 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN80N50
Description  HiPerFET Power MOSFETs Single Die MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN80N50 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN80N50 Datasheet HTML 1Page - IXYS Corporation IXFN80N50 Datasheet HTML 2Page - IXYS Corporation IXFN80N50 Datasheet HTML 3Page - IXYS Corporation IXFN80N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
V
SD - Volts
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
Pulse Width - Seconds
10-4
10-3
10-2
10-1
100
101
0.001
0.010
0.100
1.000
V
DS - Volts
0
5
10
15
20
25
30
35
40
100
1000
10000
Gate Charge - nC
0
50 100 150 200 250 300 350 400
0
2
4
6
8
10
Crss
Coss
V
DS = 250 V
I
D = 40 A
I
G = 10 mA
f = 100kHz
T
J = 25
OC
Ciss
30000
T
J = 125
OC
V
GS = 0V
Single Pulse
IXFN 80N50
Fig. 9. Source-to-Drain Voltage Drop
Fig. 7 Gate Charge Characteristic Curve
Fig. 8 Capacitance Curves
Fig.10. Transient Thermal Resistance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com