Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XP9003 Datasheet(PDF) 3 Page - Mimix Broadband

Part # XP9003
Description  30W Power Amplifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP9003 Datasheet(HTML) 3 Page - Mimix Broadband

  XP9003_10 Datasheet HTML 1Page - Mimix Broadband XP9003_10 Datasheet HTML 2Page - Mimix Broadband XP9003_10 Datasheet HTML 3Page - Mimix Broadband XP9003_10 Datasheet HTML 4Page - Mimix Broadband XP9003_10 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P9003-MB
Page 3 of 5
1.6 GHz
30W Power Amplifier Module
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2010 - Rev 31-Mar-10
Typical Performance (T = 25°C)
Current Vs Pout: 16QAM, CW
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
3200
18
20
22
24
26
28
30
32
34
36
38
40
42
Output Power (dBm)
Icc3
Icc2
Icc1
-60
-50
-40
-30
-20
-10
0
15
20
25
30
35
40
45
Pout (dBm)
ACP Lo (dBc)
ACP Hi (dBc)
ACPR Performance (NADC, /4 QPSK)
-60
-50
-40
-30
-20
-10
0
15
20
25
30
35
40
45
Pout (dBm)
ACP Lo (dBc)
ACP Hi (dBc)
ACPR Performance (16 QAM)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com