Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN80N50Q2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN80N50Q2
Description  HiPerFET Power MOSFET Q2-Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN80N50Q2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN80N50Q2 Datasheet HTML 1Page - IXYS Corporation IXFN80N50Q2 Datasheet HTML 2Page - IXYS Corporation IXFN80N50Q2 Datasheet HTML 3Page - IXYS Corporation IXFN80N50Q2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFN80N50Q2
IXYS REF: F_80N50Q2(95) 05-28-08-G
Fig. 11. Capacitance
100
1000
10000
100000
0
5
10
15
20
25
30
35
40
VD S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
40
80
120
160
200
240
280
Q G - nanoCoulombs
VDS = 250V
ID = 40A
IG = 10mA
Fig. 7. Input Admittance
0
20
40
60
80
100
120
140
3.54.0
4.55.0
5.56.0
6.57.0
7.5
VG S - Volts
TJ = 125ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
20
40
60
80
100
120
0
20
40
60
80
100
120 140
160
180
I D - Amperes
TJ = - 40ºC
25ºC
125ºC
Fig. 9. Source Current vs. Source-To-Drain
Voltage
0
40
80
120
160
200
240
0.40.6
0.81.0
1.21.4
1.6
VS D - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 12. M aximum Transie nt The rmal
Impe dance
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com