| Electronic Components Datasheet Search |
|
IXFN100N50Q3 Datasheet(PDF) 2 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXFN100N50Q3 Datasheet(HTML) 2 Page - IXYS Corporation |
|
2 / 5 page ![]() IXFN100N50Q3 IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions. Symbol Test Conditions Characteristic Values (T J = 25°C Unless Otherwise Specified) Min. Typ. Max. g fs V DS = 20V, ID = 50A, Note 1 40 65 S C iss 13.8 nF C oss V GS = 0V, VDS = 25V, f = 1MHz 1690 pF C rss 177 pF R Gi Gate Input Resistance 0.12 Ω t d(on) 40 ns t r 20 ns t d(off) 50 ns t f 15 ns Q g(on) 255 nC Q gs V GS = 10V, VDS = 0.5 • VDSS, ID = 50A 110 nC Q gd 115 nC R thJC 0.13 °C/W R thCS 0.05 °C/W Source-Drain Diode Symbol Test Conditions Characteristic Values (T J = 25°C Unless Otherwise Specified) Min. Typ. Max. I S V GS = 0V 100 A I SM Repetitive, Pulse Width Limited by T JM 400 A V SD I F = IS, VGS = 0V, Note 1 1.5 V t rr 250 ns Q RM 3.5 μC I RM 30.0 A IXYS MOSFETs and IGBTs are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 B1 6,683,344 6,727,585 7,005,734 B2 7,157,338B2 by one or more of the following U.S. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 B1 6,534,343 6,710,405 B2 6,759,692 7,063,975 B2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 B1 6,583,505 6,710,463 6,771,478 B2 7,071,537 Note 1. Pulse test, t ≤ 300μs, duty cycle, d ≤ 2%. Resistive Switching Times V GS = 10V, VDS = 0.5 • VDSS, ID = 50A R G = 0.5Ω (External) I F = 50A, -di/dt = 200A/μs V R = 100V, VGS = 0V ADVANCE TECHNICAL INFORMATION The product presented herein is under development. The Technical Specifications offered are derived from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right to change limits, test conditions, and dimensions without notice. (M4 screws (4x) supplied) SOT-227B (IXFN) Outline |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |