Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SDR526 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR526
Description  HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR526 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR526 Datasheet HTML 1Page - Solid States Devices, Inc SDR526 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR52 ___
___
___
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└
Package Type
___ = Axial
SMS = Surface Mount Square
Tab
│
│
│
│
│
│
│
│
│
└
Voltage/Family
6 = 600V
7 = 700V
8 = 800V
9 = 900V
SDR526 thru SDR529
SDR526SMS thru SDR529SMS
3 AMPS
600 – 900 VOLTS
35 nsec
HYPER FAST
RECTIFIER
FEATURES:
• Hyper Fast Recovery: 35 nsec maximum
• PIV up to 900 Volts
• Avalanche Breakdown
• Hermetically Sealed
• For High Efficiency High Voltage Applications
• Single Chip Construction
• Metallurgically Bonded
• TX, TXV, and Space Level Screening
Available
2/
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage @ 50µA
SDR526
SDR527
SDR528
SDR529
VRRM
VRWM
VR
600
700
800
900
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA=25
oC)
IO
3
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Superimposed on IO, allow junction to
reach equilibrium between pulses, TA=25
oC)
IFSM
75
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +175
oC
Maximum Thermal Resistance
Junction to Lead, L = 0.125” (Axial Lead)
Junction to End Tab (Surface Mount)
RθJL
RθJE
20
10
oC/W
Notes:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flow Available on Request.
Axial
Surface Mount
Square Tab (SMS)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0049E
DOC


Similar Part No. - SDR526

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR526 SSDI-SDR526 Datasheet
29Kb / 2P
3 AMPS 600 - 900 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR526SMS SSDI-SDR526SMS Datasheet
29Kb / 2P
3 AMPS 600 - 900 VOLTS 35 nsec HYPER FAST RECTIFIER
More results

Similar Description - SDR526

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SRL2040 SSDI-SRL2040 Datasheet
98Kb / 2P
HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
Hyper Fast Rectifier
RC0157A SSDI-RC0157A_15 Datasheet
117Kb / 2P
Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
HYPER FAST RECTIFIER
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com