Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SFT5151 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT5151
Description  POWER TRANSISTORS SILICON PNP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT5151 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT5151 Datasheet HTML 1Page - Solid States Devices, Inc SFT5151 Datasheet HTML 2Page - Solid States Devices, Inc SFT5151 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0109B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT5151
__
__
SFT5153
__
__
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S
= S Level
└ Package 3/
__ = TO-5
S.5 = SMD.5
SFT5151 and SFT5153
10 AMP
POWER TRANSISTORS
SILICON PNP
100 VOLTS
10 WATTS
Features:
 Radiation Tolerant
 Fast Switching, 500 nsec max ton
 High Frequency, Typical ft = 100 MHz
 BVCEO 80 Volts Min
 High Linear Gain, Low Saturation Voltage
 200°C Operating Temperature
 Designed for Complementary Use with SFT5152 and
SFT5154
 Replacement for 2N5151 and 2N5153
TX, TXV, S-Level Screening Available2/ - Consult Factory
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
80
Volts
Collector – Base Voltage
VCBO
100
Volts
Emitter – Base Voltage
VEBO
5.5
Volts
Collector Current
IC
10
Amps
Base Current
IB
2.5
Amps
Total Device Dissipation @ TC = 50°C
Derate above 50°C
PD
10
66.6
W
mW/°C
Operating & Storage Temperature
Top & Tstg
-65 to +200
°C
Maximum Thermal Resistance
Junction to Case
RθJC
15
°C/W
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, Operating Curves, and
Availability Contact Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics
@25°C.
Available parts:
SFT5151, SFT5151S.5
SFT5153, SFT5153S.5
TO-5
SMD.5


Similar Part No. - SFT5151

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT5152 SSDI-SFT5152 Datasheet
122Kb / 3P
POWER TRANSISTORS SILICON NPN
SFT5154 SSDI-SFT5154 Datasheet
122Kb / 3P
POWER TRANSISTORS SILICON NPN
More results

Similar Description - SFT5151

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com