Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BFP450 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFP450
Description  High Linearity Low Noise Si NPN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP450 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFP450 Datasheet HTML 1Page - Infineon Technologies AG BFP450 Datasheet HTML 2Page - Infineon Technologies AG BFP450 Datasheet HTML 3Page - Infineon Technologies AG BFP450 Datasheet HTML 4Page - Infineon Technologies AG BFP450 Datasheet HTML 5Page - Infineon Technologies AG BFP450 Datasheet HTML 6Page - Infineon Technologies AG BFP450 Datasheet HTML 7Page - Infineon Technologies AG BFP450 Datasheet HTML 8Page - Infineon Technologies AG BFP450 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
BFP450
List of Figures
Data Sheet
5
Revision 1.0, 2010-10-22
Figure 1
Total Power Dissipation
P
tot = f (Ts) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 2
BFP450 Testing Circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 3
Collector Current vs. Collector Emitter Voltage
I
C = f (VCE), IB = Parameter . . . . . . . . . . . . . . . . . 15
Figure 4
DC Current Gain
h
FE = f (IC), VCE = 3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 5
Collector Current vs. Base Emitter Voltage
I
C = f (VBE), VCE = 2 V. . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 6
Base Current vs. Base Emitter Forward Voltage
I
B = f (VBE), VCE = 2 V . . . . . . . . . . . . . . . . . . . . 16
Figure 7
Base Current vs. Base Emitter Reverse Voltage
I
B = f (VEB), VCE = 2 V . . . . . . . . . . . . . . . . . . . . 17
Figure 8
Transition Frequency
f
T = f (IC), f = 1 GHz, VCE = Parameter. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 9
3rd Order Intercept Point
OIP
3 = f (IC), ZS = ZL= 50 Ω, VCE, f = Parameters. . . . . . . . . . . . . . . . . 18
Figure 10
Collector Base Capacitance
C
CB = f (VCB), f = 1 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 11
Gain
G
ma, Gms, IS21I² = f (f), VCE = 3 V, IC = 90 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 12
Maximum Power Gain
G
max = f (IC), VCE = 3 V, f = Parameter in GHz . . . . . . . . . . . . . . . . . . . . . 20
Figure 13
Maximum Power Gain
G
max = f (VCE), IC = 90 mA, f = Parameter in GHz . . . . . . . . . . . . . . . . . . . 20
Figure 14
Input Matching
S
11 = f ( f ), VCE = 3 V, IC = 50 / 90 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 15
Source Impedance for Minimum Noise Figure
Z
opt = f ( f ), VCE = 3 V, IC = 50 / 90 mA . . . . . . . . 21
Figure 16
Output Matching
S
22 = f ( f ), VCE = 3 V, IC = 50 / 90 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 17
Noise Figure
NF
min = f ( f ), VCE = 3 V, IC = 50 / 90 mA, ZS = Zopt . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 18
Noise Figure
NF
min = f (IC), VCE = 3 V, ZS = Zopt, f = Parameter in GHz . . . . . . . . . . . . . . . . . . . . 23
Figure 19
Noise Figure
NF
50 = f (IC), VCE = 3 V, ZS = 50 Ω, f = Parameter in GHz . . . . . . . . . . . . . . . . . . . . 23
Figure 20
Comparison Noise Figure
NF
50 / NFmin= f (IC), VCE = 3 V, f = 1.9 GHz . . . . . . . . . . . . . . . . . . . . 24
Figure 21
Package Outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 22
Package Foot Print . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 23
Marking Description (Marking BFP450: ANs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 24
Tape Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
List of Figures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com