Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BGA777L7 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # BGA777L7
Description  Single-Band UMTS LNA (2300 - 2700 MHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA777L7 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button BGA777L7 Datasheet HTML 16Page - Infineon Technologies AG BGA777L7 Datasheet HTML 17Page - Infineon Technologies AG BGA777L7 Datasheet HTML 18Page - Infineon Technologies AG BGA777L7 Datasheet HTML 19Page - Infineon Technologies AG BGA777L7 Datasheet HTML 20Page - Infineon Technologies AG BGA777L7 Datasheet HTML 21Page - Infineon Technologies AG BGA777L7 Datasheet HTML 22Page - Infineon Technologies AG BGA777L7 Datasheet HTML 23Page - Infineon Technologies AG BGA777L7 Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
21
V3.0, 2009-07-02
BGA777L7 - Low Power Single-Band UMTS LNA
Application Circuit and Block Diagram
Application Board
Figure 7
Detail of application board layout
Note: In order to achieve the same performance as given in this datasheet please follow the suggested PCB-layout
as closely as possible. The position of the GND vias is critical for RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com