Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC4100 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4100
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 4Page - Linear Technology LTC4100 Datasheet HTML 5Page - Linear Technology LTC4100 Datasheet HTML 6Page - Linear Technology LTC4100 Datasheet HTML 7Page - Linear Technology LTC4100 Datasheet HTML 8Page - Linear Technology LTC4100 Datasheet HTML 9Page - Linear Technology LTC4100 Datasheet HTML 10Page - Linear Technology LTC4100 Datasheet HTML 11Page - Linear Technology LTC4100 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
LTC1760
8
1760fa
TYPICAL PERFORMANCE CHARACTERISTICS
Dual Charging Batteries with
Different Charge State
Dual Battery Discharge Time vs
Sequential Battery Discharge
(Li-Ion)
Dual Battery Dischage Time vs
Sequential Battery Discharge
(NiMH)
Charging Voltage Accuracy
Charging Current Accuracy
Dual Battery Charge Time vs
Sequential Battery Charging
ChargingVoltage() (mV)
4700
–10
–5
0
14428
1760 G01
–15
–20
–25
7132
9564
11996
16860
ChargingCurrent() (mA)
–20
–10
0
10
–15
–5
5
800
1600
2400
3200
1760 G02
4000
0
TIME (MINUTES)
3500
3000
2500
2000
1500
1000
500
0
3500
3000
2500
2000
1500
1000
500
0
1760 G03
0
50
100
150
200
250
300
BAT1
CURRENT
BAT2
CURRENT
SEQUENTIAL
DUAL
BAT1
CURRENT
100
MINUTES
BATTERY TYPE: 10.8V Li-Ion (MOLTECH NI2020)
REQUESTED CURRENT = 3A
REQUESTED VOLTAGE = 12.3V
MAX CHARGER CURRENT = 4.1A
BAT2
CURRENT
BAT2
VOLTAGE
BAT2
CURRENT
BAT1
CURRENT
BAT1
VOLTAGE
BAT1 INITIAL CAPACITY = 0%
BAT2 INITIAL CAPACITY = 90%
PROGRAMMED CHARGER CURRENT = 3A
PROGRAMMED CHARGER VOLTAGE = 16.8V
TIME (MINUTES)
0
120
1760 G04
40
80
160
17.0
16.5
16.0
15.5
15.0
14.5
14.0
13.5
20
60
100
140
3500
3000
2500
2000
1500
1000
500
0
TIME (MINUTES)
0
120
12.0
11.0
10.0
9.0
8.0
12.0
11.0
10.0
9.0
8.0
1760 G05
20
180
40
60
80 100
140 160
BAT1
VOLTAGE
BAT1
VOLTAGE
DUAL
SEQUENTIAL
BAT2
VOLTAGE
BAT2
VOLTAGE
BATTERY TYPE: 10.8V Li-Ion (MOLTECH NI2020)
LOAD CURRENT = 3A
11
MINUTES
TIME (MINUTES)
0
120
20
40
60
80
100
140
15
14
13
12
11
10
15
14
13
12
11
10
1760 G06
BAT2
VOLTAGE
BAT2
VOLTAGE
BAT1
VOLTAGE
BAT1
VOLTAGE
BATTERY TYPE: 12V NiMH (MOLTECH NJ1020)
LOAD: 33W
16
MINUTES
DUAL
SEQUENTIAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com