Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP79400 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP79400
Description  I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79400 Datasheet(HTML) 4 Page - Microchip Technology

  MCP79400 Datasheet HTML 1Page - Microchip Technology MCP79400 Datasheet HTML 2Page - Microchip Technology MCP79400 Datasheet HTML 3Page - Microchip Technology MCP79400 Datasheet HTML 4Page - Microchip Technology MCP79400 Datasheet HTML 5Page - Microchip Technology MCP79400 Datasheet HTML 6Page - Microchip Technology MCP79400 Datasheet HTML 7Page - Microchip Technology MCP79400 Datasheet HTML 8Page - Microchip Technology MCP79400 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
MCP7940X
DS25009A-page 4
 2011 Microchip Technology Inc.
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.8V to 5.5V
TA = -40°C to +85°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock frequency
100
400
kHz
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
2THIGH
Clock high time
4000
600
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
3TLOW
Clock low time
4700
1300
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
4TR
SDA and SCL rise time
(Note 1)
1000
300
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
5TF
SDA and SCL fall time
(Note 1)
1000
300
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
6THD:STA
Start condition hold time
4000
600
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
7TSU:STA
Start condition setup time
4700
600
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
8THD:DAT Data input hold time
0
ns
9TSU:DAT
Data input setup time
250
100
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
10
TSU:STO
Stop condition setup time
4000
600
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
11
TAA
Output valid from clock
3500
900
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
12
TBUF
Bus free time: Time the bus
must be free before a new
transmission can start
4700
1300
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
13
TSP
Input filter spike suppression
(SDA and SCL pins)
—50
ns
(Note 1 and Note 2)
14
TWC
Write cycle time (byte or
page)
—5
ms
15
Endurance
1M
cycles
25°C, VCC = 5.5V Page mode
(Note 3)
Note 1: Not 100% tested.
2: The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs, which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
3: This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site
at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com