Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCS360 Datasheet(PDF) 7 Page - Microchip Technology

Part # HCS360
Description  KEELOQ짰 Code Hopping Encoder outline and low cost,
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HCS360_11 Datasheet HTML 3Page - Microchip Technology HCS360_11 Datasheet HTML 4Page - Microchip Technology HCS360_11 Datasheet HTML 5Page - Microchip Technology HCS360_11 Datasheet HTML 6Page - Microchip Technology HCS360_11 Datasheet HTML 7Page - Microchip Technology HCS360_11 Datasheet HTML 8Page - Microchip Technology HCS360_11 Datasheet HTML 9Page - Microchip Technology HCS360_11 Datasheet HTML 10Page - Microchip Technology HCS360_11 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
© 2011 Microchip Technology Inc.
DS40152F-page 7
HCS360
3.5
CONFIG
(Configuration Word)
The Configuration Word is a 16-bit word stored in
EEPROM array that is used by the device to store
information used during the encryption process, as well
as the status of option configurations. Further
explanations of each of the bits are described in the
following sections.
TABLE 3-2:
CONFIGURATION WORD.
3.5.1
MOD: MODULATION FORMAT
MOD selects between Manchester code modulation
and PWM modulation.
If MOD = 1, Manchester modulation is selected:
If MOD = 0, PWM modulation is selected.
3.5.2
BSEL 1, 0
BAUD RATE SELECTION
BSEL 1 and BSEL 0 determine the baud rate according
to Table 3-3 when PWM modulation is selected.
TABLE 3-3:
BAUD RATE SELECTION
BSEL 1 and BSEL 0 determine the baud rate according
to Table 3-4 when Manchester modulation is selected.
TABLE 3-4:
BAUD RATE SELECTION
3.5.3
OVR: OVERFLOW
The overflow bit is used to extend the number of possi-
ble synchronization values. The synchronization coun-
ter is 16 bits in length, yielding 65,536 values before the
cycle repeats. Under typical use of 10 operations a day,
this will provide nearly 18 years of use before a
repeated value will be used. Should the system
designer conclude that is not adequate, then the over-
flow bit can be utilized to extend the number of unique
values. This can be done by programming OVR to 1 at
the time of production. The encoder will automatically
clear OVR the first time that the transmitted synchroni-
zation value wraps from 0xFFFF to 0x0000. Once
cleared, OVR cannot be set again, thereby creating a
permanent record of the counter overflow. This pre-
vents fast cycling of 64K counter. If the decoder system
is programmed to track the overflow bits, then the effec-
tive number of unique synchronization values can be
extended to 128K. If programmed to zero, the system
will be compatible with old encoder devices.
3.5.4
LNGRD: LONG GUARD TIME
LNGRD = 1 selects the encoder to extend the guard
time between code words adding
≈ 50 ms. This can be
used to reduce the average power transmitted over a
100 ms window and thereby transmit a higher peak
power.
Bit Number Symbol
Bit Description
0
LNGRD
Long Guard Time
1
BSEL 0
Baud Rate Selection
2
BSEL 1
Baud Rate Selection
3NU
Not Used
4
SEED
Seed Transmission enable
5
DELM
Delay mode enable
6
TIMO
Time-out enable
7
IND
Independent mode enable
8
USRA0
User bit
9
USRA1
User bit
10
USRB0
User bit
11
USRB1
User bit
12
XSER
Extended serial number
enable
13
TMPSD
Temporary seed transmis-
sion enable
14
MOD
Manchester/PWM modula-
tion selection
15
OVR
Overflow bit
MOD
BSEL 1 BSEL 0
TE
Unit
0
0
0
400
us
0
0
1
200
us
0
1
0
200
us
0
1
1
100
us
MOD
BSEL 1 BSEL 0
TE
Unit
1
0
0
800
us
1
0
1
400
us
1
1
0
400
us
1
1
1
200
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com