Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSR2010CT Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR2010CT
Description  POSITIVE CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR2010CT Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR2010CT Datasheet HTML 1Page - Solid States Devices, Inc SSR2010CT Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0067E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information1/
SSR2010 CT
S1
__
|
|
|
|
L
Screening2/
____ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
L
Package
S1 = SMD1
SSR2010CTS1
20 AMP
100 VOLTS
POSITIVE CENTERTAP
SCHOTTKY RECTIFIER
FEATURES:
•
PIV: 100 Volts
•
Low Forward Voltage Drop
•
Low Reverse Leakage
•
Hermetically Sealed Power Surface Mount
Package
•
Guard Ring for Overvoltage Protection
•
Eutectic Die Attach
•
175
°C Operating Junction Temperature
•
TX, TXV, or Space Level Screening Available
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SSR2010CT
VRRM
VRWM
VR
100
Volts
Average Rectified Output Current
3/
(Resistive Load, 60Hz, Sine Wave, TA=25°C)
IO
20
Amps
Peak Surge Current
3/
(8.3 ms Pulse, Half Sine Wave superimposed on IO, allow junction
to reach equilibrium between pulses, TA=25°C)
IFSM
300
Amps
Operating and Storage Temperature
TOP & TSTG
-65 to +175
°C
Maximum Thermal Resistance
3/
Junction to Case
RθJC
0.8
°C/W
Note:
SMD1
1/ For ordering information, price, and availability, contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Both legs tied together.


Similar Part No. - SSR2010CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2010CT SSDI-SSR2010CT Datasheet
125Kb / 2P
20 AMP 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2010CT-28 SSDI-SSR2010CT-28 Datasheet
157Kb / 2P
20 AMPS 100 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SSR2010CT-3 SSDI-SSR2010CT-3 Datasheet
150Kb / 2P
20 AMPS 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2010CT-61 SSDI-SSR2010CT-61 Datasheet
198Kb / 2P
20 AMP 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2010CT/3 SSDI-SSR2010CT/3 Datasheet
150Kb / 2P
20 AMPS 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
More results

Similar Description - SSR2010CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2060CTM SSDI-SSR2060CTM_1 Datasheet
180Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0025 SSDI-RS0025 Datasheet
47Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0061 SSDI-RS0061 Datasheet
38Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0071 SSDI-RS0071 Datasheet
154Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0025 SSDI-RS0025_15 Datasheet
47Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0033 SSDI-RS0033_15 Datasheet
229Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0061 SSDI-RS0061_15 Datasheet
38Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0067E SSDI-RS0067E_15 Datasheet
115Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0097 SSDI-RS0097_15 Datasheet
151Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0163 SSDI-RS0163_15 Datasheet
215Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com