Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2AS01 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # 2AS01
Description  Off-Line SMPS Current Mode Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2AS01 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button 2AS01 Datasheet HTML 6Page - Infineon Technologies AG 2AS01 Datasheet HTML 7Page - Infineon Technologies AG 2AS01 Datasheet HTML 8Page - Infineon Technologies AG 2AS01 Datasheet HTML 9Page - Infineon Technologies AG 2AS01 Datasheet HTML 10Page - Infineon Technologies AG 2AS01 Datasheet HTML 11Page - Infineon Technologies AG 2AS01 Datasheet HTML 12Page - Infineon Technologies AG 2AS01 Datasheet HTML 13Page - Infineon Technologies AG 2AS01 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Datasheet
10
30 Jun 2006
Preliminary Data
ICE2AS01/S01G
ICE2BS01/S01G
Functional Description
Figure 11 Start Up Phase
3.4
Oscillator and Frequency
Reduction
3.4.1
Oscillator
The oscillator generates a frequency fswitch = 100kHz. A
resistor, a capacitor and a current source and current
sink which determine the frequency are integrated. The
charging and discharging current of the implemented
oscillator capacitor are internally trimmed, in order to
achieve a very accurate switching frequency. The ratio
of controlled charge to discharge current is adjusted to
reach a max. duty cycle limitation of Dmax=0.72.
3.4.2
Frequency Reduction
The frequency of the oscillator is depending on the
voltage at pin FB. The dependence is shown in Figure
12. This feature allows a power supply to operate at
lower frequency at light loads thus lowering the
switching losses while maintaining good cross
regulation performance and low output ripple. In case
of low power the power consumption of the whole
SMPS can now be reduced very effective. The minimal
reachable frequency is limited to 20kHz / 21.5 kHz to
avoid audible noise in any case.
Figure 12 Frequency Dependence
3.5
Current Limiting
There is a cycle by cycle current limiting realised by the
Current-Limit Comparator to provide an overcurrent
detection. The source current of the external Power
Switch is sensed via an external sense resistor RSense.
By means of RSense the source current is transformed to
a sense voltage VSense. When the voltage VSense
exceeds the internal threshold voltage Vcsth the
Current-Limit-Comparator immediately turns off the
gate drive. To prevent the Current Limiting from
distortions caused by leading edge spikes a Leading
Edge Blanking is integrated at the Current Sense.
Furthermore a Propagation Delay Compensation is
added to support the immediate shut down of the
Power Switch in case of overcurrent.
3.5.1
Leading Edge Blanking
Figure 13 Leading Edge Blanking
Each time when the external Power Switch is switched
on a leading spike is generated due to the primary-side
capacitances and secondary-side rectifier reverse
t
t
V
SoftS
t
5.3V
4.8V
T
Soft-Start
V
OUT
V
FB
V
OUT
T
Start-Up
f
standby
f
norm
1,0
1,1
1,2
1,3
1,4
1,5
1,6
1,7
1,8
1,9
2
FB
V
V
kHz
f
norm:
ICE2BS01(G)
ICE2AS01(G)
67kHz
100kHz
f
standby:
20kHz
21.5kHz
t
V
Sense
V
csth
t
LEB = 220ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com