Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCA9663 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9663
Description  Parallel bus to 3 channel Fm I2C-bus controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9663 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9663 Datasheet HTML 17Page - NXP Semiconductors PCA9663 Datasheet HTML 18Page - NXP Semiconductors PCA9663 Datasheet HTML 19Page - NXP Semiconductors PCA9663 Datasheet HTML 20Page - NXP Semiconductors PCA9663 Datasheet HTML 21Page - NXP Semiconductors PCA9663 Datasheet HTML 22Page - NXP Semiconductors PCA9663 Datasheet HTML 23Page - NXP Semiconductors PCA9663 Datasheet HTML 24Page - NXP Semiconductors PCA9663 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
PCA9663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 6 June 2011
21 of 66
NXP Semiconductors
PCA9663
Parallel bus to 3 channel Fm+ I2C-bus controller
7.5.1.6
TRANCONFIG — Transaction configuration register
The TRANCONFIG register is an 8-bit
 65 register set that makes up a table that
contains the number of transactions that will be executed in a sequence and the number
of data bytes involved in the transaction.
The first byte of the register is the Transaction Count register. The remaining 64 registers
are the Transaction Length registers.
Remark: Even if the Transaction length (TRANCONFIG[1:40h]) and the
SLATABLE([0:3Fh]) are fully initialized, only the specified number of transactions in the
Transaction count (TRANCONFIG[0]) will be part of the sequence.
If the Transaction count is 0, then there will be no activity on the serial bus if the STA bit is
set. In addition, there will be no interrupts generated or status updated. The controller will
simply reset the CONTROL.STA bit without performing any transactions.
If the Transaction length is 0, a read transaction will be skipped and a write transaction will
send the slave address plus write bit (SLA+W) on the serial bus with no data bytes.
7.5.1.7
DATA — I2C-bus Data register
DATA is an 8-bit read/write, auto-increment register. It is the interface port to the channel
buffer. When accessing the buffer, the host writes a byte of serial data to be transmitted or
reads bytes that have just been received at this location. The host can read from the
DATA at any time and can only write to this 8-bit register while the channel is idle.
Remark: Reading the DATA when the serial interface is active may return outdated or
erroneous data.
The host can read or write data up to the amount of memory space allotted to the channel.
The location at which the data is accessed is stored in the TRANSEL and TRANOFS
register (both default at 00h).
Table 12.
TRANCONFIG, byte 0 - Transaction configuration register bit description
Address: Channel 0 = C4h; Channel 1 = D4h; Channel 2 = E4h.
Bit
Symbol
Description
7:0
Number of transactions in the sequence. Maximum is 40h.
Table 13.
TRANCONFIG, byte 1 to 40h - Transaction configuration register bit description
Bit
Symbol
Description
7:0
Number of bytes per transaction in the sequence. Maximum is FFh.
Table 14.
Example of TRANCONFIG register loaded
Register
Value
Description
Transaction count
10h
16 transactions = 16 slave addresses in the SLATABLE
Transaction length 00h
0Ah
10 byte transaction
Transaction length 01h
12h
18 byte transaction
Transaction length 02h
28h
40 byte transaction
Transaction length 03h
40h
64 byte transaction
::
:
Transaction length 3Fh
12h
18 byte transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com