Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DF1S Datasheet(PDF) 1 Page - GREATECS

Part # DF1S
Description  Vertical Type Detector Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DF1S Datasheet(HTML) 1 Page - GREATECS

  DF1S Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Detector Switches
Vertical Type Detector Switches
DF1 Series
DF1H Thru Hole Type Terminals
DF1S Surface Mounting Type Terminals
General Specifications:
FEATURES
» Compact detector switch with smooth switching action
MATERIALS
» Contact: Stainless steel with silver cladding
» Terminal: Phosphor bronze with silver plated
MECHANICAL
» Operation Force: 30 gf max.
» Stroke: 2 mm
» Operation Temperature: -20°C to +70°C
» Storage Temperature: -30°C to +80°C
ELECTRICAL
» Electrical Life: 50,000 cycles
» Rating: 5mA, 5VDC
» Contact Arrangement: 1 pole 1 throw
LEADFREE SOLDERING PROCESSES
» Wave Soldering: Recommended solder temperature at 260°C
max.
» Reflow Soldering: When applying reflow soldering, the peak
temperature or the reflow oven should be set to 260°C 10
seconds max.
DF1
How to order:
TYPE OF TERMINALS:
H Thru Hole Type
S
Surface Mounting Type
ACTUATOR TYPE:
NA Standard Actuator
HA High Actuator
PACKAGE STYLE:
TB Tube
TR Tape & Reel (DF1S Only)
1
2
3
1
2
3
sales@greatecs.com
www.greatecs.com
A
B
C
D
6.50
1.60 1.65
1.80
Ø2.20
Ø1.20
0.5
C 0.2
0.90
0.70
0.40
3.40
1.80
Ø1.20
1.6
1.65
1.8
3.40
Ø1.0
Ø1.3
P.C.B. LAYOUT
1.80
Ø2.20
Ø1.20
(0.5)
2.95
2.35
C0.2
Ø1.20
3.40
1.80
A
D
C
B
CIRCUIT DIAGRAM
A
D
C
B
CIRCUIT DIAGRAM
1.60
1.85
Ø1.3
3.4
P.C.B. LAYOUT
A
C
B
D
6.50
0.70
1.60 1,65
1.70
3.90
3.00
(4)
5.40
DF1SHA
High Actuator
1.70
3.30
4.3
DF1HNA
Standard Actuator
+0.30
-0.2
1.70
3.30
4.3
DF1HHA
High Actuator
+0.30
-0.2
1.70
0.05
3.90
0.05
3.00
(4)
5.40
DF1SNA
Standard Actuator
+0.4
-0.2
General Tolerance: ± 0.2 mm
G01


Similar Part No. - DF1S

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
DF1S CHENDA-DF1S Datasheet
79Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 1.0 Ampere
DF1S CHENDA-DF1S Datasheet
591Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SiPower Inc.
DF1S SIPOWER-DF1S Datasheet
267Kb / 2P
Bridge Rectifier
logo
Microdiode Semiconducto...
DF1S CHENDA-DF1S Datasheet
592Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - DF1S

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
SSS-100-T42 SHINMEI-SSS-100-T42 Datasheet
38Kb / 2P
Lever-type Detector Switches
SW1AB-252S SHINMEI-SW1AB-252S Datasheet
220Kb / 5P
Lever-type Detector Switches
SW1AB-260-10T28 SHINMEI-SW1AB-260-10T28 Datasheet
113Kb / 3P
Lever-type Detector Switches
SW1AB-350 SHINMEI-SW1AB-350 Datasheet
125Kb / 3P
Lever-type Detector Switches
SW1AB-411-T28 SHINMEI-SW1AB-411-T28 Datasheet
60Kb / 3P
Lever-type Detector Switches
SW1AB-420-33T35 SHINMEI-SW1AB-420-33T35 Datasheet
81Kb / 2P
Lever-type Detector Switches
SW1AB-482-T50 SHINMEI-SW1AB-482-T50 Datasheet
551Kb / 2P
Lever-type Detector Switches
SW1AB-490-300T30 SHINMEI-SW1AB-490-300T30 Datasheet
113Kb / 2P
Lever-type Detector Switches
SW1AG-530 SHINMEI-SW1AG-530 Datasheet
121Kb / 3P
Lever-type Detector Switches
SW1AG-550 SHINMEI-SW1AG-550 Datasheet
86Kb / 2P
Push-type Detector Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com