Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SVR137 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SVR137
Description  Negative Adjustable Linear Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR137 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SVR137 Datasheet HTML 1Page - Solid States Devices, Inc SVR137 Datasheet HTML 2Page - Solid States Devices, Inc SVR137 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: LA0011B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SVR137 __ __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Lead Bend
__ = Straight
DB = Down Bend
UB = Up Bend
Package
M = TO-254
Z = TO-254Z
J = TO-257
G = CerPack
S.5= SMD.5
SVR137 Series
1.5 AMP
Negative Adjustable
Linear Voltage Regulator
40 Volts
Features:
Guaranteed 0.02% line regulation
Guaranteed 0.5% load regulation
Min 1.5A output current
Eutectic die attach
Superior to LM137 types
Complimentary use with LM117 types
Isolated hermetically sealed power package (M,Z,J)
150°C operating temperature
Custom lead forming available (M,Z,J)
TX, TXV, and Space Level Screening Available
MAXIMUM RATINGS
Symbol
Value
Units
Power Dissipation
3/
PD
Internally
Limited, 20
W
Input to Output Voltage Differential
ΔVIN/OUT
40
V
Maximum Current Load
IFSM
100
Amps
Operating Junction Temperature
TJ
-55 to +150
ºC
Storage Temperature
TSTG
-65 to +150
ºC
TO-254(M)
TO-254Z(Z)
TO-257(J)
CerPack (G)
SMD.5 (S.5)
Notes:
1/ For ordering information, price, operating curves, and availability, contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, these specifications apply: ΔV = 5V and IOUT = 0.5A. Power dissipation is internally limited. However, these
specifications apply for power dissipation up to 20W, IMAX = 1.5A.
4/ Testing is done using a pulsed low duty cycle technique.


Similar Part No. - SVR137

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVR137A SSDI-SVR137A Datasheet
158Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137AGDBS SSDI-SVR137AGDBS Datasheet
158Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137AGDBTX SSDI-SVR137AGDBTX Datasheet
158Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137AGDBTXV SSDI-SVR137AGDBTXV Datasheet
158Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137AGS SSDI-SVR137AGS Datasheet
158Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
More results

Similar Description - SVR137

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVR1033N SSDI-SVR1033N Datasheet
100Kb / 3P
SVR1033N NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137K SEME-LAB-IP137K Datasheet
305Kb / 7P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137R SEME-LAB-IP137R Datasheet
170Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR004 SSDI-SVR004_15 Datasheet
101Kb / 3P
NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5173 ANAREN-MSK5173 Datasheet
808Kb / 8P
1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com