Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TP57 Datasheet(PDF) 2 Page - GREATECS

Part # TP57
Description  12 x 12 mm Washable Halogen-Free Tactile Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TP57 Datasheet(HTML) 2 Page - GREATECS

  TP57 Datasheet HTML 1Page - GREATECS TP57 Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tactile Switches
12 x 12 mm Washable Halogen-Free Tactile Switches
TP57 Series
sales@greatecs.com
www.greatecs.com
2
SOLDERING PROCESS
Temperature
Room
150°
MAX 260°
60sec
120~150sec
TIME(sec)
255°
230°
5~10sec
»
(
)max. 5 seconds
subject to PCB 1.6mm thickness (soldering for through hole type).
»
5 seconds while applying solder.
» Reflow Soldering : When applying reflow soldering, the peak temperature
or the reflow oven should be set to 260°C max.
» Temperature Profile :
OPTIONAL CAPS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com