Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE4953 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4953
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4953 Datasheet HTML 6Page - Infineon Technologies AG TLE4953 Datasheet HTML 7Page - Infineon Technologies AG TLE4953 Datasheet HTML 8Page - Infineon Technologies AG TLE4953 Datasheet HTML 9Page - Infineon Technologies AG TLE4953 Datasheet HTML 10Page - Infineon Technologies AG TLE4953 Datasheet HTML 11Page - Infineon Technologies AG TLE4953 Datasheet HTML 12Page - Infineon Technologies AG TLE4953 Datasheet HTML 13Page - Infineon Technologies AG TLE4953 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TLE4953
TLE4953C
Data Sheet
7
V 4.0, 2010-04
Note: Stress in excess of those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Absolute Maximum Ratings
T
j = -40 to 150 °C, 4.0V ≤ VCC ≤ 16.5 V
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Supply voltage
V
CC
– 0.3
V
T
j ≤ 80 °C
16.5
T
j = 170 °C
20
T
j = 150 °C
22
t = 10 × 5 min
24
t = 10
× 5 min,
R
M ≥ 75 Ω included in
V
CC
27
t
= 400 ms,
R
M ≥ 75 Ω
included in
V
CC
Reverse polarity current
I
rev
200
mA
External current
limitation required,
t ≤4 h1)
1) This allows together with an external serial resistor (75 or 100 Ohm) reverse polarity voltage for a short duration. This
resistor is usually present in the ECU of the application circuit.
Junction temperature
T
j
150
°C
5000 h,
V
CC ≤16.5 V
160
2500 h,
V
CC ≤ 16.5 V
(not additive)
170
500 h,
V
CC ≤ 16.5 V
(not additive)
190
4
× 1 h, V
CC ≤ 16.5 V
Active lifetime2)
2) Life time shall be considered as anticipation and will not extend the agreed warranty period
t
B,active
10000
h
-40°C to 125°C
Thermal resistance
PG-SSO-2-4,
PG-SSO-2-1
R
thJA
190
K/W
3)
3) Can be improved significantly by further processing like overmolding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com