Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS40T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS40T
Description  Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS40T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS40T_09 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS40T_09 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS40T/BAS40-04T/
BAS40-05T/BAS40-06T
VOLTAGE 40 V, 200 mA
Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
14-Oct-2009 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Turn-on voltage
Fast switching
BAS40T Marking: 43
BAS40-04T Marking: 44
BAS40-05T Marking: 45
BAS40-06T Marking: 46
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
TYPE NUMBER
SYMBOL
VALUES
UNITS
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Forward Continuous Current
IFM
200
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0s
IFSM
0.6
A
Average Rectified Output Current
IO
200
mA
Power Dissipation
PD
150
mW
Thermal Resistance Junction to Ambient Air
RθJA
833
℃
/W
Operating Junction Temperature (Max.)
TJ
125
℃
Storage temperature
TSTG
-65~125
℃
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Reverse breakdown voltage
V(BR)R
IR= 10µA
40
V
Forward voltage
VF
IF=1mA
IF=40mA
380
1000
mV
Reverse voltage leakage current
IR
VR=30V
0.2
A
Diode capacitance
CD
VR=0, f=1MHz
5
pF
Reveres recovery time
trr
IF=IR=10mA,Irr=0.1xIR,
RL=100Ω
5
nS
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.75
0.85
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.25
M
0.25
0.325
SOT-523


Similar Part No. - BAS40T_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40T-04T DIODES-BAS40T-04T Datasheet
160Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30265 Rev. 5 - 2
logo
Micro Commercial Compon...
BAS40T-04T MCC-BAS40T-04T Datasheet
265Kb / 3P
150mW 40Volt Plastic-Encapsulate Diode
logo
Diodes Incorporated
BAS40T-05T DIODES-BAS40T-05T Datasheet
160Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30265 Rev. 5 - 2
BAS40T-06T DIODES-BAS40T-06T Datasheet
160Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30265 Rev. 5 - 2
BAS40T DIODES-BAS40T_08 Datasheet
122Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 13 - 2 July 2008
More results

Similar Description - BAS40T_09

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com