Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCP882 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP882
Description  Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP882 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP882 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP882 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BCP882
NPN Silicon
Epitaxial Planar Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
SOT-89
Absolute Maximum Ratings at TA=25 C
o
01-Jun-2002 Rev. A
Page 1 of 2
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.
Description
The BCP882 is suited for the output stage of 1.5W
audio, voltage regulator, and relay driver.
ELECTRICAL CHARACTERISTICS Tamb=25
unless otherwise specified
Parameter
Symbol
Min
Typ.
Max
Uni
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-
-
V
IC=100
VEB=3V
µA,IE=0
IC= 1mA,IB=0
IE= 10µA
VCB= 30V
IC=
VCE= V, IC=
VCE= V, IC= 0.1A,f=100MHz
VCB=10 , f=1MHz,IE=0
BVCEO
30
-
-
V
BVEBO
-
-
V
ICBO
-
-
1
uA
-
VCE(sat)
-
hFE1
fT
-
MH
Cob
-
pF
z
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Collector Saturation Voltage
DC Current Gain
Gain-Bandwidth Product
Output Capacitance
t
40
5
0.5
1
V
2A,IB=0.2A
2
1 A
5
V
C
100
-
90
500
45
-
-
o
IEBO
Emitter-Base Cutoff Current
-
uA
Classification of hFE
Rank
Q
P
100~200
160~320
Range
E
250~500
IC=
VBE(sat)
-
Base-Emitter Saturation Voltage
30
2
V
2A,IB=0.2A
hFE2
-
-
-
-
VCE= V, IC=
2
20mA
Symbol
Parameter
Value
Collector Current
5
1.2
55~+150
30
40
3
IC
Tstg
TJ,
Junction and
Total Power Dissipation
VEBO
PD
Emitter-Base Voltage
V
A
W
Storage Temperature
-
C
O
VCEO
Collector-Emitter Voltage
V
VCBO
Collector-Base Voltage
V
Units


Similar Part No. - BCP882

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP882H SECOS-BCP882H Datasheet
395Kb / 2P
3A , 70 V NPN Plastic-Encapsulate Transistor
BCP882H-Y SECOS-BCP882H-Y Datasheet
395Kb / 2P
3A , 70 V NPN Plastic-Encapsulate Transistor
BCP882H SECOS-BCP882H_15 Datasheet
84Kb / 1P
NPN Plastic-Encapsulate Transistor
BCP882J SECOS-BCP882J Datasheet
549Kb / 2P
3A , 40V P Plastic-Encapsulate Transistor
BCP882J-GR SECOS-BCP882J-GR Datasheet
549Kb / 2P
3A , 40V P Plastic-Encapsulate Transistor
More results

Similar Description - BCP882

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP1213 SECOS-BCP1213 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
BCPA14 SECOS-BCPA14 Datasheet
400Kb / 2P
Epitaxial Planar Transistor
CZT5401 SECOS-CZT5401 Datasheet
665Kb / 2P
Epitaxial Planar Transistor
PZT669A SECOS-PZT669A Datasheet
607Kb / 2P
Epitaxial Planar Transistor
PZT772 SECOS-PZT772 Datasheet
524Kb / 2P
Epitaxial Planar Transistor
PZT3906 SECOS-PZT3906 Datasheet
815Kb / 2P
Epitaxial Planar Transistor
PZTA14 SECOS-PZTA14 Datasheet
641Kb / 2P
Epitaxial Planar Transistor
PZTA42 SECOS-PZTA42 Datasheet
757Kb / 1P
Epitaxial Planar Transistor
PZT4672 SECOS-PZT4672 Datasheet
921Kb / 2P
Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213_15 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com