Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CZD5103 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # CZD5103
Description  NPN Epitaxial Planar Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

CZD5103 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  CZD5103 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH CZD5103 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH CZD5103 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH CZD5103 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CZD5103
NPN Epitaxial Planar Silicon Transistor
Elektronische Bauelemente
23-Apr-2010 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ. Max. Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
100
-
-
V
IC=50 A, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
60
-
-
V
IC=1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
5
-
-
V
IE=50 A, IC=0
Collector cut-off current
ICBO
-
-
10
A
VCB=100V, IE=0
Emitter cut-off current
IEBO
-
-
10
A
VEB=5V, IC=0
Collector-emitter saturation voltage
*VCE(sat)1
-
0.15
0.3
V
IC=3A, IB=0.15A
*VCE(sat)2
-
-
0.5
V
IC=4A, IB=0.2A
Base-emitter saturation voltage
*VBE(sat)1
-
-
1.2
V
IC=3A, IB=0.15A
*VBE(sat)2
-
-
1.5
V
IC=4A, IB=0.2A
*DC current gain
*hFE1
120
-
270
VCE=2V, IC=1A
*hFE2
40
-
-
VCE=2V, IC=3A
Transition frequency
fT
-
210
-
MHz
VCB=10V, IE=-0.5A,
f=30MHz
Output Capacitance
COB
-
80
-
pF
VCE=10V, IE=0, f=1MHz
Turn-On Time
TON
-
-
0.3
S
IC=3A, RL=10Ω,
IB1=-IB2=0.15A, VCC=30V
Storage Time
TSTG
-
-
1.5
Fall Time
Tf
-
0.1
0.3
*Measured under pulse condition. Pulse width≦300μs, Duty Cycle≦2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com