Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB206L Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MB206L
Description  Miniature SMD Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MB206L Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MB206L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MB206L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MB206L Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MB206L ~ MB207L
Voltage 800 ~ 1000 V
2 Amp
Miniature SMD Glass Passivated Bridge Rectifiers
Elektronische Bauelemente
10-Feb-2011 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
@IF = 2.0A
VF
-
0.92
0.95
V
Repetitive peak reverse current
VR = Max. VRRM
IRRM
-
0.08
5
uA
Current squared time t < 8.3ms
I
2t
-
14.9
-
A
2s
Junction Capacitance, VR = 4V, f =1.0MHz
CJ
-
35
-
pF
Thermal Resistance Junction to Ambient
1
RθJA
-
60
-
/
W
Thermal Resistance Junction to Lead
1,2
RθJL
-
3
-
Note:
1. Thermal resistance, junction to ambient, measured on PC board with 5.0 x 5.0mm (0.03mm thick) land areas.
2. The thermal resistance in measured over the centered point of the copper pad.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com