Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LX13088A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX13088A
Description  Dual 1A Step-Down Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX13088A Datasheet(HTML) 2 Page - Microsemi Corporation

  LX13088A Datasheet HTML 1Page - Microsemi Corporation LX13088A Datasheet HTML 2Page - Microsemi Corporation LX13088A Datasheet HTML 3Page - Microsemi Corporation LX13088A Datasheet HTML 4Page - Microsemi Corporation LX13088A Datasheet HTML 5Page - Microsemi Corporation LX13088A Datasheet HTML 6Page - Microsemi Corporation LX13088A Datasheet HTML 7Page - Microsemi Corporation LX13088A Datasheet HTML 8Page - Microsemi Corporation LX13088A Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LX13088A
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2010
Rev. 1.0, 2010-09-23
Dual 1A Step-Down Converters
TM
®
ABSOLUTE MAXIMUM RATINGS
PACKAGE PIN OUT
PVIN, AVIN to AGND, PGND......................................................................-0.3 to +7.0 V
SW1 and SW2 to AGND, PGND .................................................. PGND -2V to xVIN+2V
All other pins to AGND.................................................................... -0.3V to xVIN + 0.3V
Operating Junction Temperature Range .......................................................... 00C to 1500C
Storage Temperature Range..........................................................................–650C to 1500C
Package
Peak Temp. for Solder Reflow (40 seconds maximum exposure) ..260°C (+0 -5)0C
Notes: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground.
Currents are positive into, negative out of specified terminal. PGND must be wired to AGND
externally.
LD PACKAGE
(Top View)
Marking
RoHS / Pb-free 100% Matte Tin Finish
FUNCTIO N AL PIN DESCRIP T ION
Name
Pin #
Description
FB2
1
Feedback from VO2. Connect voltage divider to the load side of VO2 output inductor-capacitor filter.
AVIN
2
Analog Input. Input to power the internal circuitry of the device, connect to PVIN through a 10Ω resistor and
bypass through a 1μF ceramic capacitor between this pin and PGND, as close to the LX13088A as
possible.
PVIN
3
Control MOSFET switch power inputs. Connect a 10µF ceramic capacitor between this pin and PGND, as
close to the LX13088A as possible.
SW2
4
Converter 2 synchronous buck switching output. Connect to VO2 inductor.
PGND
5
Power Ground Connection. Synchronous rectifier MOSFET source. Provide a star connection between this
pin, VO1, VO2 filter capacitor returns, VIN input capacitor return, and AGND. Keep the star connection as
close to the LX13088A IC as possible.
SW1
6
Converter 1 synchronous buck switching output. Connect to VO1 inductor.
E/S
7
Enable/Synchronization. Pulling this pin high statically enables the LX13088A and pulling the pin low
statically will shut down the LX13088A. Applying a pulse to this pin will synchronize SW1 and SW2
switching frequency to ½ the external clock frequency.
POR
8
Power On Reset output pin. Monitors FB1, FB2 output voltage levels and VIN. POR is pulled low if an
output voltage droop is detected on FB1 or FB2 or VIN, and is Hi-Z during normal operation.
VMON
9
Voltage Monitor – Supervisor for one external voltage (could be input voltage). The POR output is triggered
if this output falls below the VMON threshold.
FB1
10
Feedback from VO1. Connect voltage divider to the load side of VO1 output inductor-capacitor filter.
AGND
PAD
Analog Ground. Connect the exposed pad on the bottom of the package to the GND plane for a thermal
heat sink.
088A
Date/Lot Code
MSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com