Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCDS101 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCDS101
Description  1.0 AMP Glass Passivated Super Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCDS101 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCDS101 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCDS101 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCDS101 THRU SCDS103
VOLTAGE 50V ~ 200V
1
.0 AMP Glass Passivated Super Fast Recovery Rectifier
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low profile package
Built-in strain relief
Metal to silicon rectifier , majority carrier conduction
Low power loss , High efficiency
High current capability
RoHS Compliant Product
city
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polarity : Laser marking
Weight : 0.02 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25℃ ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load,
derate current by 20%.
TYPE NUMBER
SYMBOLS
Maximum Recurrent Peak Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRMS
Maximum DC Blocking Voltage
V DC
Maximum Average Forward Rectified Current
I(AV)
Peak Forward Surge Current, 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
Maximum Instantaneous Forward Voltage at 2.0A (Note1)
VF
0.95
Maximum DC Reverse Current Ta=25℃
at Rated DC Blocking Voltage Ta=125℃
IR
nS
Trr
Maximum reverse recovery time
Cj
Operating Temperature Range
TJ
-50 ~ +125
Storage Temperature Range
TSTG
-65 ~ +150
NOTES:
1. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.142 (3.60)
0.002 (0.05)
R0.0
16 (0.40)
0.126 (3.20)
0.035 (0.90)
0.020 (0.50)
0.035 (0.90)
0.020 (0.50)
SCDS101
SCDS102
SCDS103
UNIT
V
V
V
A
A
50
10
V
30
25
1
50
uA
Typical Junction Capacitance (Note 1.)
pF
1206 (SOD-123)
Dimensions in inches and (millimeters)
50
50
100
100
200
200
SCDS101 : 77ZA
SCDS102 : 77ZB
SCDS103 : 77ZD
2. Marking:
High surge capa
200
100
1
01-May-2006 Rev. B
Page 1 of 2
A suffix of "-C" indicates halogen-free & RoHS Compliant


Similar Part No. - SCDS101

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCDS101 SECOS-SCDS101 Datasheet
136Kb / 2P
Voltage 50V ~ 200V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
SCDS101 SECOS-SCDS101_12 Datasheet
136Kb / 2P
Voltage 50V ~ 200V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCDS101

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD24 CENTRAL-CPD24 Datasheet
62Kb / 1P
Fast Recovery Rectifier 1.0 Amp Glass Passivated Rectifier Chip
logo
SeCoS Halbleitertechnol...
SCDS106 SECOS-SCDS106 Datasheet
755Kb / 2P
VOLTAGE 800V 1.0 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS104 SECOS-SCDS104 Datasheet
654Kb / 2P
1.0 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS105 SECOS-SCDS105 Datasheet
707Kb / 2P
1.0 AMP Glass Passivated Super Fast Recovery Rectifier
logo
Micro Commercial Compon...
MUR105GP MCC-MUR105GP Datasheet
359Kb / 4P
1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
logo
SeCoS Halbleitertechnol...
SCDF103 SECOS-SCDF103_15 Datasheet
380Kb / 2P
1.0 Amp Glass Passivated Fast Recovery Rectifier
SCDS104 SECOS-SCDS104_15 Datasheet
643Kb / 2P
1.0 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS105 SECOS-SCDS105_15 Datasheet
707Kb / 2P
1.0 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS106 SECOS-SCDS106_15 Datasheet
756Kb / 2P
1.0 AMP Glass Passivated Super Fast Recovery Rectifier
logo
Micro Commercial Compon...
MUR105GP MCC-MUR105GP_13 Datasheet
406Kb / 4P
1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com