Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCS0540P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS0540P
Description  0.5 A, 40 V Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS0540P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS0540P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS0540P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS0540P
0.5 A, 40 V
Schottky Barrier Rectifiers
04-Dec-2009 Rev. E
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at Terminals
Low Forward Voltage
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Solderable per MIL-STD-202, method 208 guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
MARKING CODE
BJ
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
40
V
Working Peak Reverse Voltage
VRWM
40
V
Maximum DC Blocking Voltage
VR
40
V
Average Forward Current @TJ=25°C
IF(AV)
0.5
A
Peak Forward Current @ 8.3 ms Half Sine
IFSM
10
A
Maximum Instantaneous Forward Voltage
IFM = 0.5 A, TA = 25°C
VF1
0.5
V
Maximum Instantaneous Forward Voltage
IFM = 0.5 A, TA = 125°C
VF2
0.38
V
Maximum DC Reverse Current
At Rated DC Blocking Voltage @ TJ = 25°C
IR1
0.1
mA
Maximum DC Reverse Current
At Rated DC Blocking Voltage @ TJ = 125°C
IR2
5
mA
Typical Junction Capacitance(Note 1)
CJ
160
pF
Typical Thermal Resistance (Note 2)
RθJA
310
°C/W
Operating Temperature Range
TJ
150
°C
Storage temperature
TSTG
150
°C
Notes:
1. Measured at 1MHZ and applied reverse of 0V DC.
2. FR-4 PCB, 2 oz. 0.7mm ×1.2mm copper pad.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.95
1.35
F
1.40
1.80
B
0.10 REF.
G
2.55
2.85
C
1.05
1.15
H
3.55
3.85
D
0.30
0.78
J
-
-
E
0.08
0.25
SOD-123


Similar Part No. - SCS0540P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS0540P SECOS-SCS0540P Datasheet
125Kb / 2P
0.5 AMP Schottky Barrier Rectifiers
SCS0540P-C SECOS-SCS0540P-C Datasheet
221Kb / 2P
Schottky Barrier Rectifiers
SCS0540P SECOS-SCS0540P_15 Datasheet
270Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - SCS0540P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS0520P SECOS-SCS0520P_09 Datasheet
273Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
SCS0520V SECOS-SCS0520V_09 Datasheet
383Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
SCS0530P SECOS-SCS0530P Datasheet
270Kb / 2P
0.5 A, 30 V Schottky Barrier Rectifiers
SCS0530V SECOS-SCS0530V Datasheet
269Kb / 2P
0.5 A, 30 V Schottky Barrier Rectifiers
SCS0540V SECOS-SCS0540V Datasheet
267Kb / 2P
0.5 A, 40 V Schottky Barrier Rectifiers
SCS0560P SECOS-SCS0560P Datasheet
271Kb / 2P
0.5 A, 60 V Schottky Barrier Rectifiers
SCS0560V SECOS-SCS0560V Datasheet
267Kb / 2P
0.5 A, 60 V Schottky Barrier Rectifiers
SCS05100P SECOS-SCS05100P Datasheet
271Kb / 2P
0.5 A, 100 V Schottky Barrier Rectifiers
SCS05100V SECOS-SCS05100V Datasheet
268Kb / 2P
0.5 A, 100 V Schottky Barrier Rectifiers
SCS0520LP SECOS-SCS0520LP_12 Datasheet
148Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com