Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SEF112B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SEF112B
Description  1.0 A High Voltage Ultrafast Rectif
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEF112B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SEF112B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEF112B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SEF112B
VOLTAGE 1200 V
1.0 A High Voltage Ultrafast Rectifier
01-June-2002 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
DO-214AA (SMB)
.220(5.59)
.200(5.08)
.185(4.70)
.160(4.06)
.012(0.31)
.006(0.15)
.083(2.11)
.075(1.91)
.096(2.44)
.083(2.13)
.050(1.27)
.030(0.76)
.155(3.94)
.130(3.30)
.008
(.203)
MAX.
Dimens ions in inche
s and (millimeters )
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at Terminals
Low Revise Current
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
TYPE NUMBER
SYMBOL
SEF112B
UNITS
Repetitive Peak reverse voltage
RMS Voltage
VRRM
VRMS
1200
850
V
Average Forward Current @TJ=25°C
IF(AV)
1
A
Peak Forward Current @ 8.3 ms, single half sine wave
IFSM
25
A
Maximum Instantaneous Forward Voltage
VF @ IF = 1.0 A, TA = 25°C
VF @ IF = 1.0 A, TA = 125°C
VF
1.9 ( Typ. 1.6 )
1.6 ( Typ. 1.2 )
V
Maximum Reverse Current
At VR=1200 V
@ TJ = 25°C
At VR=1200V
@ TJ = 125°C
IR
5
50
μA
Typical Junction Capacitance (Note 1)
CJ
4.5
pF
Typical Thermal Resistance (Note 2)
RθJA
80
°C/W
Reverse recovery time IF = 0.5 A, IRR= 0.25 A, IR =1A
TRR
75 ( Typ. 60 )
nS
Operating Temperature Range
TJ
-50 ~ + 175
°C
Storage temperature
TSTG
-65 ~ + 175
°C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0 V D.C.
2. Thermal Resistance Junction to Ambient. Printed circuit board FR4 copper pad 1×1cm, 35um thickness


Similar Part No. - SEF112B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF112B SECOS-SEF112B_15 Datasheet
233Kb / 2P
1.0 A High Voltage Ultrafast Rectifier
More results

Similar Description - SEF112B

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
1.0 A Positive Voltage Regulators
logo
ON Semiconductor
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Kersemi Electronic Co.,...
MUR1630 KERSEMI-MUR1630 Datasheet
442Kb / 5P
ULTRAFAST RECTIFIERS 1.0 A, 50 V ??600 V
logo
ON Semiconductor
NCP7812TG ONSEMI-NCP7812TG Datasheet
144Kb / 12P
1.0 A Positive Voltage Regulators
June, 2010 ??Rev. 1
logo
SeCoS Halbleitertechnol...
SEF112B SECOS-SEF112B_15 Datasheet
233Kb / 2P
1.0 A High Voltage Ultrafast Rectifier
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
NTSA4100 ONSEMI-NTSA4100 Datasheet
63Kb / 5P
Schottky Rectif
October, 2015 ??Rev. 2
MC7800 ONSEMI-MC7800_V01 Datasheet
439Kb / 28P
Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com