Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SMBT882SS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMBT882SS
Description  NPN Silicon Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMBT882SS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMBT882SS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMBT882SS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMBT882SS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SMBT882SS
NPN Silicon
Epitaxial Planar Transistor
01-June-2002 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
The SMBT882SS is a medium power low voltage transistor, designed for audio power amplifier, DC-DC converter and
voltage regulator.
FEATURES
High current output up to 3A
Low saturation voltage
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
30
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current
IC
3.0
A
Total Power Dissipation
Pd
750
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
CHARACTERISTICS at Ta = 25°C
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
40
-
-
V
IC=100uA, IE = 0
BVCEO
30
-
-
V
IC=1mA, IB=0
BVEBO
5.0
-
-
V
IE=10uA, IC=0
ICBO
-
-
1.0
μA
VCB=30V, IE= 0
IEBO
-
-
1.0
μA
VEB=3V, IC= 0
*VCE(sat)
-
-
0.5
V
IC=2A, IB=200mA
*VBE(sat)
-
-
2.0
V
IC=2A, IB=200mA
*hFE1
30
-
VCE=2V, IC=20mA
*hFE2
100
-
500
VCE=2V, IC=1 A
fT
-
90
-
MHz
VCE=5V, IC=100mA, f=100MHz
Cob
-
45
-
pF
VCB=10V, f=1MHz
* Pulse Test: Pulse Width≦380μs, Duty Cycle≦2%
CLASSIFICATION OF hFE2
Rank
Q
P
E
Range
100 - 200
160 - 320
200 - 500
EMITTER
Dim
Min
Max
A
2.70
3.10
B
1.30
1.70
C
1.00
1.30
D
0.35
0.50
G
1.90 REF.
H
0.00
0.10
J
0.10
0.26
K
0.20
0.60
L
1.25
1.65
S
2.25
3.00
All Dimension in mm
SC-59
S
G
D
B
L
A
1
3
2
Top View
H
C
J
K
BASE
COLLECTOR


Similar Part No. - SMBT882SS

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SMBT001D00 JAE-SMBT001D00 Datasheet
370Kb / 9P
COAXIAL CONNECTORS
SMBT001D00 JAE-SMBT001D00 Datasheet
370Kb / 9P
COAXIAL CONNECTORS
SMBT001D00 JAE-SMBT001D00 Datasheet
38Kb / 2P
SMB Series Coaxial Connector
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
NPN Silicon Switching Transistors
SMBT2222A SIEMENS-SMBT2222A Datasheet
155Kb / 6P
NPN Silicon Switching Transistors
More results

Similar Description - SMBT882SS

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com