Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB91F596 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB91F596
Description  32-bit MCU with Integrated Graphics Controller SoC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F596 Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB91F596 Datasheet HTML 1Page - fujitsu semiconductor MB91F596 Datasheet HTML 2Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lineup
MB91F591
MB91F592
MB91F594
MB91F596
MB91F597
MB91F599
CPU Speed
80MHz
80MHz
80MHz
128MHz
128MHz
128MHz
Flash Size
576KB
576KB
1MB
576KB
576KB
1MB
RAM Size
32KB
32KB
64KB
32KB
32IKB
64KB
VRAM Size
260KB
800KB
800KB
260KB
800KB
800KB
Package
LQFP-208
LQFP-208
LQFP-208
QFP-208
QFP-208
QFP-208
FUjItSU SEMICONDUCtOR AMERICA, INC.
Corporate Headquarters
1250 E. Arques Avenue, M/S 333, Sunnyvale, CA 94085-5401
Tel: (800) 866-8608 Fax: (408) 737-5999
E-mail: FSA_inquiry@us.fujitsu.com | Website: http://us.fujitsu.com/semi
©2010 Fujitsu Semiconductor America, Inc.
All company and product names are trademarks or registered
trademarks of their respective owners.
Printed in the U.S.A. MCU-FS-21380-10/2010
8
Display on Screen
Image Layer
transparent
SPR2
SPR3
SPR0
SPR1
background
X
Y
X
Y
MCU
MCU
(GDC control)
MCU
(meter control)
GDC
GDC
RLD
Camera
Flash memory
Video
decoder
Video
decoder
E2PROM
Frame
buffer
(VRAM)
Frame
buffer
(VRAM)
Data
Flash
memory
Control MCUx2
Incorporated
Inputting on NTSCC
signal possible
without an external
decoder
NTSC
Data Flash memory
works as an
alternative to E2PROM
No external SRAM
necessary thanks to
built-in SRAM as a
frame buffer
Flash memory capacity for images reduced
through the adoption of compressed data
3 oscillators for GDC
and control MCUx2
reduced to 1
Oscillator
Oscillator
Power supply
Oscillator
MB9 1590
Series
LCD 1
Meter
LCD 2
Sprite Engine
System Example
Specifications0
FR81S CPU – 32-bit RISC,
•
load/store architecture
Maximum operating frequency
•
CPU: 128MHz / 80MHz
GDC: 81MHz
DMA controller: 16 channels
•
Timer
•
— 16-bit reload timer
4-ch
16-bit base timer
2-ch
—
6-bit PPG timer
24-ch
—
32-bit free-run time
2-ch
—
32-bit input capture
6-ch
—
32-bit output compare 4-ch
—
UART/SIO
•
UART/SIO/LIN-UART
6-ch
Multifunction serial
2-ch
10-bit A/D converter
32-ch
•
Sound generator
5-ch
•
External interrupt
16-ch
•
CRC generator
•
Clock supervisor
•
Hardware / software watchdog
•
Data Flash memory
•
Flash memory security function
•
Low-voltage detection reset circuit GDC function
•
Sprite engine: 512 sprites
2-D rendering engine
Line/polygon drawing, Bit Blt
Run-length decoder (RLD)
VRAM: 800Kbyte / 260Kbyte
Video capture
NTSC/PAL, digital RGB, BT656
On-chip debug
•
One-wire serial control
Power supply: 4.5 – 5.5V
•
Operating temperature: –40 to 105°
•



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com