Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B8553 Datasheet(PDF) 6 Page - EPCOS

Part # B8553
Description  SAW Duplexer Cellular / WCDMA Band V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8553 Datasheet(HTML) 6 Page - EPCOS

Back Button B8553 Datasheet HTML 2Page - EPCOS B8553 Datasheet HTML 3Page - EPCOS B8553 Datasheet HTML 4Page - EPCOS B8553 Datasheet HTML 5Page - EPCOS B8553 Datasheet HTML 6Page - EPCOS B8553 Datasheet HTML 7Page - EPCOS B8553 Datasheet HTML 8Page - EPCOS B8553 Datasheet HTML 9Page - EPCOS B8553 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
April 15, 2011
B8553
836.50 / 881.50 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Preliminary Data
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=
50
Ω ll 14 nH
RX terminating impedance:
ZRX = 100 Ω (balanced)
TX terminating impedance:
ZTX =
50
Ω
Characteristics ANT - RX
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
881.5
MHz
Maximum insertion attenuation
α
max
869.0
...
894.0
MHz
2.0
2.5
dB
@fCarrier 871.4 ...
891.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (9).
1.9
2.22)
2) Temperature range for this parameter is -20oC to +85oC.
dB
Amplitude ripple (p-p)
∆α
869.0
...
894.0
MHz
0.7
1.2
dB
@fCarrier 871.4 ...
891.6
MHz
α
WCDMA
1)
0.6
0.92)
dB
Input VSWR (ANT port)
869.0
...
894.0
MHz
1.8
2.1
Output VSWR (RX port)
869.0
...
894.0
MHz
2.0
2.3
Common mode rejection ratio
869.0
...
894.0
MHz
CMRR
233)
3) A combination of 10o phase balance and 1 dB amplitude balance corresponds to 19.6 dB CMRR
373)
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com