Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2575 Datasheet(PDF) 1 Page - Semtech Corporation

Part # LM2575
Description  1A & 3A Miniconverter Switching Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LM2575 Datasheet(HTML) 1 Page - Semtech Corporation

  LM2575 Datasheet HTML 1Page - Semtech Corporation LM2575 Datasheet HTML 2Page - Semtech Corporation LM2575 Datasheet HTML 3Page - Semtech Corporation LM2575 Datasheet HTML 4Page - Semtech Corporation LM2575 Datasheet HTML 5Page - Semtech Corporation LM2575 Datasheet HTML 6Page - Semtech Corporation LM2575 Datasheet HTML 7Page - Semtech Corporation LM2575 Datasheet HTML 8Page - Semtech Corporation LM2575 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
www.semtech.com
LM2575 & LM2576
1A & 3A Miniconverter
Switching Regulators
POWER MANAGEMENT
Revision 1, January 2001
u Pin for pin replacement for National’s LM2575/6
series
u DC-to-DC buck or buck/boost converter requiring
only 4 support components
u Fixed or adjustable voltages
u Preset output voltages of 3.3V, 5V and 12V
u Wide output voltage range, 1.23V to 35V
u 82% typical efficiency @ 5V out
u Wide input voltage range, 4V to 40V
u Inhibit/enable control pin
u Industrial temperature range
u TO-220 and TO-263 packages
The LM2575/6 series switching regulators are monolithic
integrated circuits designed for use in “buck” or “buck/
boost” regulator applications requiring accurate output
voltages over combined variations of line, load and
temperature. This unique series greatly simplifies
switching power supply design. The LM2575 has a
maximum output current of 1A and the LM2576 is rated
for 3A.
The LM2575/6 series miniconverters include a
switching regulator and compensation network all within
the same package. Just add a choke, catch diode and
two capacitors to obtain an efficient DC-to-DC converter.
The current limit and thermal shutdown features of the
LM2575/6 series fully protect the device against
overstress conditions.
The LM2575/6 series offers an alternative to popular 3
terminal linear regulators by providing higher efficiency
with reduced heatsink size. In many applications a heat
sink will not be required.
u Micro controller power supplies
u Medical equipment
u Industrial power supplies
u Instrumentation power supplies
Description
Features
Applications
Typical Application Circuits
5
7
5
2
M
L6
7
5
2
M
L
L
1
H
µ
0
3
3H
µ
0
0
1
D
1
A
3A
7
C
N
I
F
µ
8
6F
µ
0
2
1
C
T
U
O
F
µ
0
3
3F
µ
0
0
0
,
1


Similar Part No. - LM2575

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575 MOTOROLA-LM2575 Datasheet
382Kb / 28P
EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
ON Semiconductor
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
logo
Micrel Semiconductor
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
52kHz Simple 1A Buck Regulator
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
logo
ON Semiconductor
LM2575 ONSEMI-LM2575 Datasheet
364Kb / 28P
1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
More results

Similar Description - LM2575

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
SIS03VE ETC2-SIS03VE Datasheet
103Kb / 5P
3A, 7A and 12A switching regulators
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com