Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6228Q Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6228Q
Description  DMOS driver for bipolar stepper motor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228Q Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6228Q Datasheet HTML 12Page - STMicroelectronics L6228Q Datasheet HTML 13Page - STMicroelectronics L6228Q Datasheet HTML 14Page - STMicroelectronics L6228Q Datasheet HTML 15Page - STMicroelectronics L6228Q Datasheet HTML 16Page - STMicroelectronics L6228Q Datasheet HTML 17Page - STMicroelectronics L6228Q Datasheet HTML 18Page - STMicroelectronics L6228Q Datasheet HTML 19Page - STMicroelectronics L6228Q Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Circuit description
L6228Q
16/32
Doc ID 14321 Rev 4
Figure 15.
Area where tON can vary maintaining the PWM regulation
4.4
Decay modes
The CONTROL input is used to select the behavior of the bridge during the off time. When
the CONTROL pin is low, the fast decay mode is selected and both transistors in the bridge
are switched off during the off time. When the CONTROL pin is high, the slow decay mode
is selected and only the low side transistor of the bridge is switched off during the off time.
Figure 16 shows the operation of the bridge in the fast decay mode. At the start of the off
time, both of the power MOS are switched off and the current recirculates through the two
opposite free wheeling diodes. The current decays with a high dI/dt since the voltage across
the coil is essentially the power supply voltage. After the dead time, the lower power MOS in
parallel with the conducting diode is turned on in synchronous rectification mode. In
applications where the motor current is low it is possible that the current can decay
completely to zero during the off time. At this point if both of the power MOS were operating
in the synchronous rectification mode it would then be possible for the current to build in the
opposite direction. To prevent this only the lower power MOS is operated in synchronous
rectification mode. This operation is called quasi-synchronous rectification mode. When the
monostable times out, the power MOS are turned on again after some delay set by the dead
time to prevent cross conduction.
Figure 17 shows the operation of the bridge in the slow decay mode. At the start of the off
time, the lower power MOS is switched off and the current recirculates around the upper half
of the bridge. Since the voltage across the coil is low, the current decays slowly. After the
dead time the upper power MOS is operated in the synchronous rectification mode. When
the monostable times out, the lower power MOS is turned on again after some delay set by
the dead time to prevent cross conduction.
0.1
1
10
100
1
10
100
Coff [nF]
2.5μs (typ. value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com