Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC1102 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1102
Description  SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1102 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1102 Datasheet HTML 2Page - Semtech Corporation SC1102 Datasheet HTML 3Page - Semtech Corporation SC1102 Datasheet HTML 4Page - Semtech Corporation SC1102 Datasheet HTML 5Page - Semtech Corporation SC1102 Datasheet HTML 6Page - Semtech Corporation SC1102 Datasheet HTML 7Page - Semtech Corporation SC1102 Datasheet HTML 8Page - Semtech Corporation SC1102 Datasheet HTML 9Page - Semtech Corporation SC1102 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SC1102
SYNCHRONOUS DC/DC CONTROLLER FOR
DISTRIBUTED POWER SUPPLY APPLICATIONS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
September 5, 2000
8
THEORY OF OPERATION (CON’T)
An over-current condition occurs when the high-side
drive is turned on, but the PHASE node does not
reach the voltage level set at the OCSET pin. The
PHASE node is sampled only once per cycle during the
valley of the triangular oscillator. Once an over-current
occurs, the high-side drive is turned off and the low-
side drive turns on and the SS/SHDN pin begins to
sink 2uA. The soft-start voltage will begin to decrease
as the 2uA of current discharges the external capaci-
tor. When the soft-start voltage reaches 0.8V, the SS/
SHDN pin will begin to source 10uA and begin to
charge the external capacitor causing the soft-start
voltage to rise again. Again, when the soft-start volt-
age reaches the level of the internal oscillator, switch-
ing will occur.
If the over-current condition is no longer present, nor-
mal operation will continue. If the over-current condi-
tion is still present, the SS/SHDN pin will again begin to
sink 2uA. This cycle will continue indefinitely until the
over-current condition is removed.
In conclusion, below is shown a typical “12V Applica-
tion Circuit” which has a BSTH voltage derived by boot-
strapping input voltage to the PHASE node through
diode D1. This circuit is very useful in cases where only
input power of 12V is available.
In order to prevent substrate glitching, a small-signal
diode should be placed in close proximity to the chip
with cathode connected to PHASE and anode con-
nected to PGND.
APPLICATION CIRCUIT
Typical 12V Application Circuit with Bootstrapped BSTH
VCC
1
PWRGD
2
OVP
3
OCSET
4
PHASE
5
DRVH
6
PGND
7
DRVL
8
BSTL
9
BSTH
10
SENSE
11
VREF
12
SS/SHDN
13
GND
14
U1
SC1102
Q1
STP40NE
Q2
STP40NE
R5
3.9
D3
MBRD1035
R4
10
L1
4uH
D2
MBRA130
C9
1.0
C10
180/4V
C11
180/4V
C12
180/4V
C13
180/4V
C7
270/16V
C6
270/16V
R1
1k
R3
1k
C2
0.1
C3
0.1
C1
0.1
R2
1.74k
PWRGD
OVP
SHDN
VREF
+
_
+
_
Vin 12V
Vout=3.3V*
R8
127
R9
205*
NOTE:
*) Vout = 1.265 x (1+R9/R8)
+5V
D1
MBR0520
R6
2.2
C4
1.0
C5
10.0
Optional
C14
180/4V
C8
270/16V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com