Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC1406GCTSTR Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC1406GCTSTR
Description  Power Supply Controller for Portable Pentium II & III SpeedStep Processors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406GCTSTR Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC1406GCTSTR Datasheet HTML 10Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 11Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 12Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 13Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 14Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 15Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 16Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 17Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
ã 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1406G
5)
For customers familiar with the Intel IMVP application notes, the
above schematic has the IMVP resistors denoted using bold
lettering. To these resistors, Semtech has added one additional
resistor, R
BAL, which is used to balance the impedance at the
current limit comparator for improved noise performance. A
cross-reference between the IMVP nomenclature and the
reference designator in the schematic above is provided in the
table below.
Without IMVP, the R
OH (R6) and RHYS (R1) resistors set the
hysteresis voltage via the following equation:
6)
The factor of 2 is due to the fact that half of the total hysteresis
occurs above the DC set point, half below, per Figure 1. Be-
cause output ripple is fed back to CMPREF via the R5/R21
divider, the uncorrected output ripple is increased. We correct
for this later when selecting R1.
The no load offset in a non-IMVP converter is set by R6 and R22.
The zero load voltage is:
7)
As in the case of the hysteresis resistor, IMVP requires an
adjustment of the offset resistor value because at zero current,
the current drawn by the offset resistor divider is mirrored into
the R5/R21 divider, and increases the offset just as it increases
the ripple. R22 is calculated by solving equation 4) for I
OUT = 0A.
8)
To disable the no-load positive offset, leave R22 unpopulated.
Negative offsets are also possible — contact Semtech Applica-
tions Engineering for details.
The current sense resistor, R
CS (R23), RDAC resistor (R21), and
R
CORE (R5) set the IMVP gain. VIMVP is a function of current, and is
subtracted from the zero current output voltage.
9)
Note that the SC1406G regulates to the “+” side of R23; as a
result, the minimum load dependent drop is Iout x R23. In
addition, the ripple voltage across R23 provides a minimum
input to the hysteretic comparator, so the SC1406G works well
with very low ESR capacitors.
The constant-current type of over current protection is provided
via R23, R
CLOH (R3), and RCLSET (R2). Current limiting will cycle
from I
CLMAX to ICLMIN until the load becomes less than ICLMAX:
10)
11)
Design Example – SC1406G:
We can use the above equations to design a mobile voltage
regulator circuit to meet the requirements of the Intel® 650/
500MHz SpeedStep™ processor using values from the proces-
sor datasheet. This example is for reference only; your require-
ments, parts availability, and newer processors may require
different component values. Contact Intel for the latest
processor requirements. Note that in the calculations, results
have been rounded to the nearest commonly available compo-
nent value.
VRIPPLE
2VHYS
RCORE ROFFSET
ROH
+
()
RCORE ROFFSET
RDAC ROH
+
ESR
ESR
RCORE ROFFSET
ROH
+
()
RCORE ROFFSET
RDAC ROH
+
RCS
+
:=
e
r
u
t
a
l
c
n
e
m
o
N
l
e
t
n
Ie
c
n
e
r
e
f
e
R
c
it
a
m
e
h
c
S
r
o
t
a
n
g
i
s
e
D
R
Y
S
H
1
R
R
T
E
S
L
C
2
R
R
E
R
O
C
5
R
R
H
O
6
R
R
H
O
L
C
3
R
R
C
A
D
1
2
R
R
T
E
S
F
F
O
2
2
R
R
S
C
3
2
R
VHYS
2VREF
ROH
RHYS
:=
VNL
VDAC 1
ROH
ROFFSET
+
:=
ROFF
ROH
VNL RDAC
VDAC
+
VNL
VDAC
1
:=
VIMVP IOUT RCS
1
RDAC
RCORE
+
:=
ICLMIN
2VREF
RCLOH
RCLSET RCS
:=
ICLMAX 3VREF
RCLOH
RCLSET RCS
:=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com