Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

US2175 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US2175
Description  DUAL USB HIGH-SIDE POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2175 Datasheet(HTML) 1 Page - Unisonic Technologies

  US2175 Datasheet HTML 1Page - Unisonic Technologies US2175 Datasheet HTML 2Page - Unisonic Technologies US2175 Datasheet HTML 3Page - Unisonic Technologies US2175 Datasheet HTML 4Page - Unisonic Technologies US2175 Datasheet HTML 5Page - Unisonic Technologies US2175 Datasheet HTML 6Page - Unisonic Technologies US2175 Datasheet HTML 7Page - Unisonic Technologies US2175 Datasheet HTML 8Page - Unisonic Technologies US2175 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US2175
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-403.B
DUAL USB HIGH-SIDE POWER
SWITCH
DESCRIPTION
The US2175 is a high-side power switch with two channels. It
particularly designed for the Universal Serial Bus (USB) including
self-powered and bus-powered types. The RDS(ON) of the MOSFET
switch is as low as 110mΩ.
The US2175 incorporates protective functions, such as
overcurrent protection, thermal shutdown and UVLO (UnderVoltage
Lockout) protection circuits. The thermal shutdown function provides
individual control for each switch. An open-drain fault flag playing a
role as the output of an N-channel is also included. Once any error
occurs the fault flag will be in active.
The US2175 can be applied in hot plug in power supplies and
battery charger circuits as well.
SOP-8
FEATURES
* Open-Drain Fault Flag.
* High-Side MOSFET Switch with 5V Input Voltage
* 110mΩ RDS(ON) Meets USB Voltage Drop Requirements for Maximum Transmission Wire Length
* Load Current: 500mA
* Output Can be Forced Higher Than Input (Off-State)
* On-State Supply Current: 65μA (TYP.)
* Off-State Supply Current:.1μA (TYP.)
* Current-Limit / Short Circuit Protection and Thermal Shutdown Protection Under Overcurrent Condition
* UVLO Makes the Switch OFF at Start UP
* With Slow Turn ON and Fast Turn OFF
* Enable Active-Low or Active-High
* Halogen Free
ORDERING INFORMATION
Ordering Number
Package
Packing
US2175XG-S08-R
SOP-8
Tape Reel


Similar Part No. - US2175

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2175XG-S08-R UTC-US2175XG-S08-R Datasheet
630Kb / 10P
DUAL USB HIGH-SIDE POWER SWITCH
US2175XL-S08-R UTC-US2175XL-S08-R Datasheet
630Kb / 10P
DUAL USB HIGH-SIDE POWER SWITCH
US2175 UTC-US2175_15 Datasheet
630Kb / 10P
DUAL USB HIGH-SIDE POWER SWITCH
More results

Similar Description - US2175

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
Dual USB High-Side Power Switch
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
Dual USB High-Side Power Switch
Rev. 1.0 Sep.23, 2004
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076B UTC-US2076B Datasheet
224Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com