Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STC401L Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # STC401L
Description  NPN Silicon Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STC401L Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  STC401L Datasheet HTML 1Page - KODENSHI_AUK CORP. STC401L Datasheet HTML 2Page - KODENSHI_AUK CORP. STC401L Datasheet HTML 3Page - KODENSHI_AUK CORP. STC401L Datasheet HTML 4Page - KODENSHI_AUK CORP. STC401L Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-T0D006-001
1
STC401L
NPN Silicon Transistor
PIN Connection
1: Emitter
2 :Collector
3: Base
Features
• Low saturation switching application
• Voltage regulator application
• Low saturation : VCE(SAT)=0.4V Max.
• High Voltage : VCEO=60V Min.
Ordering Information
Type NO.
Marking
Package Code
STC401L
STC401L
TO-92L
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
80
V
Collector-Emitter voltage
VCEO
60
V
Emitter-base voltage
VEBO
5
V
IC
1
A(DC)
Collector current
ICP*
2
A(Pulse)
Collector dissipation
PC
1000
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
* :
Single pulse, tp= 300 ㎲
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=100 ㎂, IE=0
80
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
60
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=10mA, IC=0
5
-
-
V
Collector cut-off current
ICBO
VCB=60V, IE=0
-
-
0.1
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
0.1
μA
VCE=2V, IC=100mA
200
-
400
DC current gain
hFE *
VCE=2V, IC=1A
80
-
-
-
Base-Emitter on voltage
VBE(ON)
VCE=2V, IC=500mA
-
-
1.2
V
Collector-Emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
-
-
0.4
V
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
10
-
pF
Transition frequency
fT
VCB=10V, IC=50mA
-
160
-
MHz
* hFE rank : 200~400 Only


Similar Part No. - STC401L

ManufacturerPart #DatasheetDescription
logo
AUK corp
STC401L AUK-STC401L Datasheet
217Kb / 4P
NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC401L KODENSHI-STC401L Datasheet
278Kb / 5P
NPN Silicon Transistor
More results

Similar Description - STC401L

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com