Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC-C074 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC-C074
Description  Single Stage Power Amplifier MODULE , 10 MHz - 6 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C074 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC-C074_11 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C074_11 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C074_11 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C074_11 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C074_11 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C074_11 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1 - 3
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
output P1dB vs. temperature
output Psat vs. temperature
output iP3 vs. temperature
Power Compression @ 3 gHz
gain & return loss vs. frequency
log Scale
output iP3 vs. temperature
log Scale
HMC-C074
v02.0711
Single Stage Power amPlifier
moDUle, 10 mHz - 6 gHz
0
5
10
15
20
25
30
35
-10
-5
0
5
10
15
20
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
-30
-20
-10
0
10
20
0
0.1
1
10
S21
S11
S22
FREQUENCY (GHz)
20
25
30
35
40
45
50
55
60
0
0.1
1
10
+25C
+70C
-40C
FREQUENCY (GHz)
22
24
26
28
30
32
34
0
1
2
3
4
5
6
7
+25C
+70C
-40C
FREQUENCY (GHz)
22
24
26
28
30
32
34
0
1
2
3
4
5
6
7
+25C
+70C
-40C
FREQUENCY (GHz)
20
25
30
35
40
45
50
55
60
0
1
2
3
4
5
6
7
+25C
+70C
-40C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com