Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP6508 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP6508
Description  500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6508 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP6508 Datasheet HTML 1Page - Diodes Incorporated AP6508 Datasheet HTML 2Page - Diodes Incorporated AP6508 Datasheet HTML 3Page - Diodes Incorporated AP6508 Datasheet HTML 4Page - Diodes Incorporated AP6508 Datasheet HTML 5Page - Diodes Incorporated AP6508 Datasheet HTML 6Page - Diodes Incorporated AP6508 Datasheet HTML 7Page - Diodes Incorporated AP6508 Datasheet HTML 8Page - Diodes Incorporated AP6508 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP6508
500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6508
Document number: DS33437 Rev. 4 - 2
4 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Electrical Characteristics (VIN = 12V, TA = +25°C, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
IIN
Shutdown Supply Current
VEN = 0V
0
µA
IIN
Supply Current (Quiescent)
VEN = 2.0V, VFB = 1.0V
1.2
mA
RDS(ON)1
High-Side Switch On-Resistance
(Note 6)
120
m
Ω
RDS(ON)2
Low-Side Switch On-Resistance
(Note 6)
20
m
Ω
SWLKG
Switch Leakage Current
VEN = 0V, VSW = 0V
0
10
µA
ILimit
Current Limit
5.8
A
FSW
Oscillator Frequency
VFB = 0.75V
350
500
650
kHz
FFB
Fold-back Frequency
VFB = 300mV
0.3
fSW
DMAX
Maximum Duty Cycle
VFB = 700mV
80
85
%
VFB
Feedback Voltage
TA = -20°C to +85°C
791
807
823
mV
IFB
Feedback Current
VFB = 800mV
10
50
nA
VEN_Rising
EN Rising Threshold
1.1
1.3
1.5
V
VEN_HYS
EN Threshold Hysteresis
0.4
V
IEN
EN Input Current
VEN = 2V
2
μA
VEN = 0V
0
ENTD-Off
EN Turn Off Delay
(Note 6)
5
μs
PGVth-Hi
Power Good Rising Threshold
0.9
VFB
PGVth-Lo
Power Good Falling Threshold
0.7
VFB
PGTD
Power Good Delay
20
μs
VPG
Power Good Sink Current Capability
0.4
V
IPG_LEAK
Power Good Leakage Current
10
nA
ISS
Soft-Start Current
10.5
μA
INUVVth
VIN Under Voltage Threshold Rising
4.0
4.2
4.4
V
INUVHYS
VIN Under Voltage Threshold
Hysteresis
200
mV
VCC
VCC Regulator
5
V
VCC Load Regulation
Icc=5mA
5
%
TSD
Thermal Shutdown
140
°C
Note:
6. Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com