Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS9-1135RH/PROTO Datasheet(PDF) 5 Page - Intersil Corporation

Part # HS9-1135RH/PROTO
Description  Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-1135RH/PROTO Datasheet(HTML) 5 Page - Intersil Corporation

  HS9-1135RH/PROTO Datasheet HTML 1Page - Intersil Corporation HS9-1135RH/PROTO Datasheet HTML 2Page - Intersil Corporation HS9-1135RH/PROTO Datasheet HTML 3Page - Intersil Corporation HS9-1135RH/PROTO Datasheet HTML 4Page - Intersil Corporation HS9-1135RH/PROTO Datasheet HTML 5Page - Intersil Corporation HS9-1135RH/PROTO Datasheet HTML 6Page - Intersil Corporation HS9-1135RH/PROTO Datasheet HTML 7Page - Intersil Corporation HS9-1135RH/PROTO Datasheet HTML 8Page - Intersil Corporation HS9-1135RH/PROTO Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN4099.3
April 6, 2009
Burn-In Circuit
HS-1135RH CERDIP
NOTES:
1. R1 = 1kΩ, ±5% (Per Socket)
2. R2 = 10kΩ, ±5% (Per Socket)
3. C1 = 0.01µF (Per Socket) or 0.1µF (Per Row) Minimum
4. D1 = 1N4002 or Equivalent (Per Board)
5. D2 = 1N4002 or Equivalent (Per Socket)
6. V+ = +5.5V
±0.5V
7. V- = -5.5V
±0.5V
Irradiation Circuit
HS-1135RH CERDIP
NOTES:
8. R1 = 1kΩ, ±5%
9. R2 = 10kΩ, ±5%
10. C1 = C2 = 0.01µF
11. V+ = +5.0V
±0.5V
12. V- = -5.0V
±0.5V
1
2
3
4
8
7
6
5
V+
C1
D1
D1
C1
V-
D2
D2
R2
R1
R1
+
-
1
2
3
4
8
7
6
5
V+
C1
C2
V-
R2
R1
R1
-
+
HS-1135RH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com