Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS8510 Datasheet(PDF) 7 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 7 Page - ams AG

Back Button AS8510 Datasheet HTML 3Page - ams AG AS8510 Datasheet HTML 4Page - ams AG AS8510 Datasheet HTML 5Page - ams AG AS8510 Datasheet HTML 6Page - ams AG AS8510 Datasheet HTML 7Page - ams AG AS8510 Datasheet HTML 8Page - ams AG AS8510 Datasheet HTML 9Page - ams AG AS8510 Datasheet HTML 10Page - ams AG AS8510 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
www.austriamicrosystems.com/AS8510
Revision 3.4
7 - 46
AS8510
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
6.1 Operating Conditions
6.2 DC/AC Characteristics for Digital Inputs and Outputs
All pull-up and pull-down have been implemented with active devices. SDO has been measured with 10pF load.
Table 3. Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Units
AVDD
Positive analog supply voltage
3.0
3.6
V
AVSS
0V Ground
0
0
V
A - D
Difference in analog and digital supplies
0.1
V
DVDD
Positive digital supply
2.97
3.63
V
DVSS
0V Digital Ground
0
0
V
TAMB
Ambient temperature
-40
125
ºC
ISUPP
Supply current
5.5
mA
fCLK
System clock frequency
1
1. Nominal clock frequency from external or internal oscillator.
4.096
MHz
Table 4. INT
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ILEAK
Tri-state leakage current
-1
+1
µA
VOH
High level output voltage
2.5
V
VOL
Low level output voltage
0.4
V
IO
Output Current
4
mA
Table 5. CS Input
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High level input voltage
2.0
V
VIL
Low level input voltage
0.8
V
ILEAK
Input leakage current
-1
+1
µA
Ipu
Pull up current
CS pulled to DVDD = 3.3V
-150
-15
µA
Table 6. SDI
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High level input voltage
2.0
V
VIL
Low level input voltage
0.8
V
ILEAK
Input leakage current
-1
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com