Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

P1012 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # P1012
Description  single- and dual-core communications processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P1012 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  P1012 Datasheet HTML 1Page - Freescale Semiconductor, Inc P1012 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Freescale, the Freescale logo, PowerQUICC and QorIQ are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. &
Tm. Off. QUICC Engine is a trademark of Freescale Semiconductor, Inc. All other product or service names are the property
of their respective owners. The Power Architecture and Power.org word marks and the Power and Power.org logos and
related marks are trademarks and service marks licensed by Power.org. © 2009, 2011 Freescale Semiconductor, Inc.
Document Number: QORIQP1021FS
REV 1
Learn More: For current information about Freescale
products and documentation, please visit
freescale.com/QorIQ.
QorIQ Platform Device Cores Top Core Frequency L2 Size DDR 2/3 Support GE Ports QUICC Engine SerDes PCI Express® Serial RapidIO®
TDM
P1
P1011
1
800 MHz
256 KB 32-bit with ECC
3
N/A
4
2
N/A
Yes
P1
P1020
2
800 MHz
256 KB 32-bit with ECC
3
N/A
4
2
N/A
Yes
P1
P1012
1
800 MHz
256 KB 32-bit with ECC
3
Yes
4
2
N/A
In QUICC Engine
P1
P1021
2
800 MHz
256 KB 32-bit with ECC
3
Yes
4
2
N/A
In QUICC Engine
P2
P2010
1
1200 MHz
512 KB 64-bit with ECC
3
N/A
4
3
2
N/A
P2
P2020
2
1200 MHz
512 KB 64-bit with ECC
3
N/A
4
3
2
N/A
The QorIQ P1012 and P1021 processors
integrate a rich set of interfaces, including
SerDes, Gigabit Ethernet, QUICC Engine
module, PCI Express® and USB. The three
10/100/1000 Ethernet ports support advanced
packet parsing, flow control and quality
of service features, as well as IEEE® 1588
time stamping—all ideal for managing the
datapath traffic between the LAN and WAN
interface. The QUICC Engine module provides
UTOPIA-L2, TDM and 10/100 Ethernet
interfaces as well as a programmable RISC
engine to offload protocol termination from
the main CPU cores. Four SerDes lanes can
be portioned across two PCI Express ports
and two SGMII ports. The PCI Express ports
can provide connectivity to IEEE 802.11n
radio cards for wireless support. USB or SD/
MMC interfaces can be used to support local
storage. Multiple memory connection ports
are available, including the 16-bit local bus,
a USB 2.0 controller, enhanced secure digital
host controller (eSDHC) and serial peripheral
interface (SPI).
Target Applications
The P1012 and P1021 processors serve
a wide variety of applications and are well
suited for various combinations of data plane
and control plane workloads in networking
and telecom applications. With an available
junction temperature range of -40ºC to
+125ºC, the devices can be used in power-
sensitive defense and industrial applications,
and outdoor environments less protected
from the environment. The devices primarily
target applications such as networking and
telecom linecards.
A multi-service router or business gateway
requires a combination of high performance
and a rich set of peripherals to support the
datapath throughputs and required system
functionality. The P1012 and P1021 devices
offer a scalable platform to develop a range
of products that can support the same feature
set. The QUICC Engine module, as well as
integrated 10/100/1000 Ethernet controllers
with classification and QoS capabilities,
are ideal for managing the datapath traffic
between the LAN and WAN interface. PCI
Express ports can provide connectivity to
IEEE 802.11n radio cards for wireless support,
TDM for legacy phone interfaces to support
voice and the USB or SD/MMC interfaces
can be used to support local storage. The
integrated security engine can provide
encrypted secure communications for remote
users with VPN support.
Technical Specifications
• Single(P1012)anddual(P1021)high-
performance Power Architecture e500 cores
36-bit physical addressing
Double-precision floating-point support
32 KB L1 instruction cache and 32 KB L1
data cache for each core
533 MHz to 800 MHz core clock
frequency
• 256KBL2cachewithECC,also
configurable as SRAM and stashing memory
• Three10/100/1000Mbpsenhancedthree-
speed Ethernet controllers (eTSECs)
TCP/IP acceleration and classification
capabilities
IEEE 1588 support
Lossless flow control
RGMII, SGMII
• High-speedinterfaces(notallavailable
simultaneously)
Four SerDes to 3.125 GHz multiplexed
across controllers
Two PCI Express controllers
Two SGMII interfaces
• QUICCEnginemodule
UTOPIA-L2
Up to two 10/100 Ethernet interfaces
Up to four T1/E1/J1/E3 or DS-3 serial
interfaces
Up to four HDLC interfaces with 128
channels of HDLC
Up to four BISYNC interfaces
Up to four UART interfaces
SPI interfaces
GPIO
• High-SpeedUSBcontrollers(USB2.0)
Host and device support
Enhanced host controller interface (EHCI)
ULPI interface to PHY
• Enhancedsecuredigitalhostcontroller
• Serialperipheralinterface
• Integratedsecurityengine(SEC3.3)
Crypto algorithm support includes 3DES,
AES, RSA/ECC, MD5/SHA, ARC4,
Snow 3G and FIPS deterministic RNG
Single pass encryption/message
authentication for common security
protocols (IPsec, SSL, SRTP, WiMAX)
XOR acceleration
• 32-bitDDR2/DDR3SDRAMmemory
controller with ECC support
• Programmableinterruptcontroller(PIC)
compliant with OpenPIC standard
• Four-channelDMAcontroller
• TwoI2C controllers, DUART, timers
• Enhancedlocalbuscontroller(eLBC)
• 16general-purposeI/Osignals
• Package:689-pinwirebondpower-BGA
(TEPBGA2)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com