Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BD9329AEFJ Datasheet(PDF) 2 Page - Rohm

Part # BD9329AEFJ
Description  Simple Step-down Switching Regulator with Built-in Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9329AEFJ Datasheet(HTML) 2 Page - Rohm

  BD9329AEFJ Datasheet HTML 1Page - Rohm BD9329AEFJ Datasheet HTML 2Page - Rohm BD9329AEFJ Datasheet HTML 3Page - Rohm BD9329AEFJ Datasheet HTML 4Page - Rohm BD9329AEFJ Datasheet HTML 5Page - Rohm BD9329AEFJ Datasheet HTML 6Page - Rohm BD9329AEFJ Datasheet HTML 7Page - Rohm BD9329AEFJ Datasheet HTML 8Page - Rohm BD9329AEFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Technical Note
2/15
BD9329AEFJ
www.rohm.com
2011.02 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Operation Range (Ta= -40~85℃)
Parameter
Symbol
Ratings
Unit
Min
Typ
Max
Supply Voltage
VIN
4.2
12
18
V
SW Voltage
VSW
-0.5
-
18
V
Output current
ISW3
-
-
3
A
Output voltage range
VRANGE
0.9
-
VIN x 0.7
V
Electrical characteristics (Unless otherwise specified VIN=12V Ta=25℃)
Parameter
Symbol
Limits
Unit
Conditions
Min
Typ
Max
Error amplifier block
FB input bias current
IFB
-
0.02
2
µA
Feedback voltage1
VFB1
0.886
0.900
0.914
V
Voltage follower
Feedback voltage2
VFB2
0.882
0.900
0.918
V
Ta=-25℃~85℃
SW block – SW
Hi-side FET On-resistance
RONH
-
0.15
-
ISW= -0.8A
Lo-side FET On-resistance
RONL
-
0.13
-
ISW= 0.8A
Hi/Lo-side FET Leak current
ILEAKN
-
0
10
µA
VIN= 18V,
VSW = 0V / 18V
Switch Current Limit
ILIMIT3
3.5
-
-
A
Maximum duty cycle
MDUTY
-
90
-
%
VFB= 0V
General
Enable Sink current
IEN
90
180
270
µA
VEN= 12V
Enable Threshold voltage
VEN
1.0
1.2
1.4
V
Under Voltage Lockout threshold
VUVLO
3.5
3.75
4.0
V
VIN rising
Under Voltage Lockout Hysteresis
VHYS
-
0.3
-
V
Soft Start Current
ISS
5
10
15
µA
VSS= 0 V
Soft Start Time
TSS
-
22
-
ms
CSS= 0.1 µF
Operating Frequency
FOSC
300
380
460
kHz
Circuit Current
ICC
-
1.2
3
mA
VFB= 1.5V, VEN= 12V
Quiescent Current
IQUI
-
15
27
µA
VEN= 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com