| Electronic Components Datasheet Search |
|
ATS627LSG Datasheet(PDF) 1 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS627LSG Datasheet(HTML) 1 Page - Allegro MicroSystems |
|
1 / 22 page ![]() Description TheATS627 is a true zero-speed gear tooth sensor IC consisting of an optimized Hall IC and rare earth pellet configuration in a single overmolded package. The integrated circuit provides a manufacturer-friendly solution for digital gear tooth sensing applications. This small package can be easily assembled and used in conjunction with gears of various shapes and sizes. The dual-element Hall IC switches in response to differential magnetic signals created by a ferrous target. Digital processing of the analog signal provides zero-speed performance independent of air gap as well as dynamic adaptation of device performance to the typical operating conditions found in automotive applications. High-resolution peak detecting DACs are used to set the adaptive switching thresholds of the device. Bounded tracking and switchpoint hysteresis reduce the negative effects of any anomalies in the magnetic signal associated with the targets used in many automotive applications. This sensor IC system is optimized for engine crank applications that utilize targets that possess signature regions. This device is available in a lead (Pb) free 4-pin SIP package (SG) with a 100% matte tin plated leadframe. ATS627LSG-DS Features and Benefits • Highly accurate in presence of: ▫ Anomalous target geometry (tooth-tooth variation) ▫ Signature teeth or valleys ▫ Target runout • Highly repeatable output edges (low jitter) • True zero-speed operation • Undervoltage lockout • Air gap independent switchpoints • Defined power-on state • High operating temperature • Single-chip sensing IC for high reliability • Enhanced quality through Scan Path and IDDQ measurement • Enhanced EMC performance True Zero Speed, Low Jitter, High Accuracy Position Sensor IC Package: 4-pin SIP (suffix SG) Functional Block Diagram Not to scale ATS627LSG GND VOUT VCC TEST Multiplexed Test Signals Current Limit Reference Generator and Lockout Synchronous Digital Controller PDAC AGC Hall Amp NDAC Filter Analog Regulators Digital Regulator Offset Adjust |
Similar Part No. - ATS627LSG |
|
Similar Description - ATS627LSG |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |