Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BU52012HFV Datasheet(PDF) 8 Page - Rohm

Part # BU52012HFV
Description  Unipolar Detection Hall ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52012HFV Datasheet(HTML) 8 Page - Rohm

Back Button BU52012HFV Datasheet HTML 4Page - Rohm BU52012HFV Datasheet HTML 5Page - Rohm BU52012HFV Datasheet HTML 6Page - Rohm BU52012HFV Datasheet HTML 7Page - Rohm BU52012HFV Datasheet HTML 8Page - Rohm BU52012HFV Datasheet HTML 9Page - Rohm BU52012HFV Datasheet HTML 10Page - Rohm BU52012HFV Datasheet HTML 11Page - Rohm BU52012HFV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
BU52002GUL,BU52003GUL,BU52012NVX,BU52012HFV,BU52013HFV
Technical Note
8/19
www.rohm.com
2010.08 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Technical (Reference) Data
BU52002GUL (VDD=2.4~3.3V type)
BU52003GUL (VDD=2.4~3.3V type)
Fig.9 TP – Supply voltage
Fig.6
Bop,Brp – Ambient temperature
Fig.10 IDD – Ambient temperature
Fig.8 TP –Ambient temperature
Fig.7
Bop,Brp – Supply voltage
Fig.11 IDD – Supply voltage
0
10
20
30
40
50
60
70
80
90
100
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=3.0V
0
10
20
30
40
50
60
70
80
90
100
2.0
2.4
2.8
3.2
3.6
SUPPLY VOLTAGE [V]
Ta = 25°C
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
-60 -40 -20 0 20 40 60 80 100
AMBIENT TEMPERATURE [℃]
Bop S
Brp S
VDD=3.0V
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
2.0
2.4
2.8
3.2
3.6
SUPPLY VOLTAGE [V]
Ta = 25°C
Bop S
Brp S
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=3.0V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
2.0
2.4
2.8
3.2
3.6
SUPPLY VOLTAGE [V]
Ta = 25°C
Fig.12 Bop,Brp – Ambient temperature
Fig.13 Bop,Brp – Supply voltage
Fig.16 IDD – Ambient temperature
Fig.17 IDD – Supply voltage
Fig.14 TP – Ambient temperature
Fig.15 TP –Supply voltage
0
10
20
30
40
50
60
70
80
90
100
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=3.0V
0
10
20
30
40
50
60
70
80
90
100
2.0
2.4
2.8
3.2
3.6
SUPPLY VOLTAGE [V]
Ta = 25°C
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=3.0V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
2.0
2.4
2.8
3.2
3.6
SUPPLY VOLTAGE [V]
Ta = 25°C
Brp N
Bop N
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
2.0
2.4
2.8
3.2
3.6
SUPPLY VOLTAGE [V]
Ta = 25°C
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
-60 -40 -20 0 20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=3.0V
Brp N
Bop N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com