Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BA157GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BA157GP
Description  1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BA157GP Datasheet(HTML) 1 Page - Micro Commercial Components

  BA157GP Datasheet HTML 1Page - Micro Commercial Components BA157GP Datasheet HTML 2Page - Micro Commercial Components BA157GP Datasheet HTML 3Page - Micro Commercial Components BA157GP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 Amp Glass
400~
1000 Volts
DO-41
Features
Low Leakage Current
Fast Switching For High Efficiency
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
Operating Temperature: -65°C to +150°C
Storage Temperature: -65°C to +150°C
Maximum Thermal Resistance; 25°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA =55°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 1.0A;
TA = 25°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0µA
TJ = 25°C
Maximum Reverse
Recovery Time
Trr
IF=0.5A,
IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz,
VR=4.0V
*Pulse test: Pulse width 300 µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
High
temperature soldering guaranteed:260oC /10 seconds
150nS
250nS
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1.
High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Passivated Fast
Recovery Rectifier
BA159GP
BA159GP
BA157GP~BA158GP
BA159GP
400V
280V
400V
BA157GP
BA159GP
THRU
BA157GP
BA157GP
BA158GP
BA158GP
600V
420V
600V
1000V
700V
1000V
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - BA157GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA157GP VISHAY-BA157GP Datasheet
76Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
BA157GP VISHAY-BA157GP Datasheet
29Kb / 2P
Glass Passivated Junction Fast Switching Rectifier
06-Mar-02
BA157GP VISHAY-BA157GP Datasheet
81Kb / 5P
Glass Passivated Junction Fast Switching Plastic Rectifier
26-Jan-2022
BA157GP VISHAY-BA157GP_11 Datasheet
76Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
logo
Micro Commercial Compon...
BA157GP MCC-BA157GP_13 Datasheet
264Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
More results

Similar Description - BA157GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4942GP MCC-1N4942GP Datasheet
81Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
logo
Shanghai Lunsure Electr...
1N4942GP CHENYI-1N4942GP Datasheet
53Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier 200-1000 Volts
logo
Micro Commercial Compon...
1N4942GP MCC-1N4942GP_11 Datasheet
429Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
BA157 MCC-BA157 Datasheet
371Kb / 3P
1 Amp Fast Recovery Rectifier 400~1000 Volts
DLFR106 MCC-DLFR106_11 Datasheet
473Kb / 4P
1 Amp Glass Passivated, Fast Recovery Rectifier 800 to 1000 Volts
RA157E MCC-RA157E Datasheet
432Kb / 3P
1 Amp Fast Recovery Rectifier 400~1000 Volts
1N4942GP MCC-1N4942GP_13 Datasheet
445Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
BA157 MCC-BA157_13 Datasheet
403Kb / 3P
1 Amp Fast Recovery Rectifier 400~1000 Volts
BA157GP MCC-BA157GP_13 Datasheet
264Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
RA157E MCC-RA157E_15 Datasheet
452Kb / 3P
1 Amp Fast Recovery Rectifier 400~1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com