Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS32L Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS32L
Description  High Speed Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS32L Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS32L Datasheet HTML 1Page - Micro Commercial Components BAS32L Datasheet HTML 2Page - Micro Commercial Components BAS32L Datasheet HTML 3Page - Micro Commercial Components BAS32L Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.008
.016
0.20
0.40
C
.055
.059
1.40
1.50
Features
l High-Speed Switching and High Reverse Breakdown Voltage
l Moisture Sensitivity Level 1
Mechanical Data
l Case: MiniMELF, Glass
l Terminals: Solderable per MIL-STD-202, Method 208
l Polarity: Indicated by Cathode Band
l Weight: 0.05 grams ( approx.)
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Symbol
Min
Max
Unit
Peak Repetitive Reverse Voltage
VRRM
75
V
Continuous reverse Voltage
VR
75
V
Continuous forward current
IF
200
mA
Repetitive peak Forward Current
IFRM
450
mA
Non-rep. Peak Forward Current
t=1 us
t=1 ms
t= 1 s
IFSM
4
1
0.5
A
Power Dissipation
Pd
500
mW
Thermal Resistance(Note 2)
R
350
K/W
Operation/Storage Temp. Range
Tj, TSTG
-65
200
o
C
Electrical Characteristics @ 25oC Unless Otherwise Specified
Charateristic
Symbol Min
Max
Unit
Test Cond.
Reverse Breakdown Volt.
V(BR)R
100
-----
V
IR=100uA
Reverse Current
IR
-----
25
5
50
100
nA
uA
uA
uA
VR=20V
VR=75V
VR=20V;Tj=150
o
C
VR=75V;Tj=150
o
C
Forward Voltage
VF
620
---
---
750
1000
930
mV
mV
mV
IF=5mA
IF=100mA
IF=100mA; Tj=100
o
C
Junction Capacitance
Cj
-----
2.0
pF
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
-----
4
ns
IF=IR=10mA
Irr=1mA
R L=100OHMS
2. Valid provided that electrodes are kept at ambient temperature
BAS32L
High Speed
Switching Diode
MINIMELF
SUGGESTED SOLDER
PAD LAYOUT
A
B
C
Cathode Band
.165
.075
.030
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
l Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1.
Lead in Glass Exemption Applied, see EU Directive Annex 5.
3. Device mounted on an FR4 printed-circuit board.


Similar Part No. - BAS32L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
High-speed diode
1996 Sep 10
BAS32L NXP-BAS32L Datasheet
63Kb / 10P
High-speed switching diode
Rev. 05-3 January 2008
BAS32L NXP-BAS32L Datasheet
62Kb / 10P
High-speed switching diode
Rev. 06-29 October 2008
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
HIGH SPEED DIODE
logo
Shanghai Shunye Electro...
BAS32L SHUNYE-BAS32L Datasheet
168Kb / 4P
HIGH SPEED DIODE
More results

Similar Description - BAS32L

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com