Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LH534B00 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LH534B00
Description  CMOS 4M (512K x 8) MROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH534B00 Datasheet(HTML) 1 Page - Sharp Corporation

  LH534B00 Datasheet HTML 1Page - Sharp Corporation LH534B00 Datasheet HTML 2Page - Sharp Corporation LH534B00 Datasheet HTML 3Page - Sharp Corporation LH534B00 Datasheet HTML 4Page - Sharp Corporation LH534B00 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LH534B00
CMOS 4M (512K
× 8) MROM
FEATURES
•• 524,288 words × 8 bit organization
•• Access time: 120 ns (MAX.)
•• Power consumption:
Operating: 330 mW (MAX.)
Standby: 550
µW (MAX.)
•• Static operation
•• TTL compatible I/O
•• Three-state outputs
•• Single +5 V power supply
•• Package:
40-pin, 10
× 20 mm2 TSOP (Type I)
DESCRIPTION
The LH534B00 is a 4M-bit mask-programmable ROM
organized as 524,288
× 8 bits. It is fabricated using
silicon-gate CMOS process technology.
PIN CONNECTIONS
534B00-1
TOP VIEW
2
3
4
5
8
9
A8
A12
37
36
35
34
33
32
29
26
A14
A13
6
7
A9
A11
31
30
NC
A10
D6
D4
NC
D1
10
11
12
39
38
NC
NC
13
28
D3
27
D2
NC
NC
D7
40-PIN TSOP (Type I)
14
15
16
17
18
19
20
23
25
24
22
21
OE
GND
CE
A0
A3
A2
A4
NC
A6
A5
A7
A1
GND
D5
VCC
D0
40
1
A15
A16
A17
VCC
A18
Figure 1. Pin Connections for TSOP Package
1


Similar Part No. - LH534B00

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH534A00 SHARP-LH534A00 Datasheet
40Kb / 5P
CMOS 4M (512K x 8) MROM
More results

Similar Description - LH534B00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Sharp Corporation
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
CMOS 32M (4M x 8/2M x 16) MROM
LH534A00 SHARP-LH534A00 Datasheet
40Kb / 5P
CMOS 4M (512K x 8) MROM
LH53517 SHARP-LH53517 Datasheet
59Kb / 6P
CMOS 512K (64K x 8) MROM
LH53B16R00 SHARP-LH53B16R00 Datasheet
57Kb / 6P
CMOS 16M (1M x 16/512K x 32) MROM
LH5PV8512 SHARP-LH5PV8512 Datasheet
90Kb / 12P
CMOS 4M (512K x 8) Pseudo-Static RAM
logo
fujitsu semiconductor
MBM29F040C FUJITSU-MBM29F040C Datasheet
424Kb / 40P
4M (512K X 8) BIT
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
4M (512K X 8) BIT
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
4M-BIT (512K X 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com