Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

JS202011CQN Datasheet(PDF) 1 Page - C&K Components

Part # JS202011CQN
Description  Sub-Miniature Slide Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JS202011CQN Datasheet(HTML) 1 Page - C&K Components

  JS202011CQN Datasheet HTML 1Page - C&K Components JS202011CQN Datasheet HTML 2Page - C&K Components JS202011CQN Datasheet HTML 3Page - C&K Components JS202011CQN Datasheet HTML 4Page - C&K Components JS202011CQN Datasheet HTML 5Page - C&K Components JS202011CQN Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
I
I–49
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
JS Series
Sub-Miniature Slide Switches
Features/Benefits
Positive detent
Low profile
IR reflow to 260º solder profile
Surface and thru hole mounting
SPDT, DPDT, DP3T models
RoHS compliant
Typical Applications
Telecommunication products
Computer peripherals
Thermostat select switch
Instrumentations
Specifications
CONTACT RATING: See individual series for information.
ELECTRICAL LIFE: See individual series for information.
CONTACT RESISTANCE: 70 m
Ω max.
INSULATION RESISTANCE: 100 M
Ω min. @ 500V.
DIELECTRIC STRENGTH: 500 VAC min. @ sea level.
OPERATING TEMPERATURE: -10ºC to +60ºC
STORAGE TEMPERATURE: -30ºC to +85ºC
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
HOUSING: 4/6 nylon (UL94V-2), black.
ACTUATOR: 4/6 nylon (UL94V-2), black.
CONTACTS: Copper alloy, silver plated.
TERMINALS: Brass, silver plated
RIGHT ANGLE, PC THRU-HOLE
Part Number
JS202011AQN
DPDT
Shown in position 1
PCB MOUNT - HOLE LAYOUT
6X 0.035
(6X 0,9)
TYP
0.354
(9,0)
0.079
(2,0)
0.059±.002
(1,5±0,05)
0.130
(3,3)
0.098
(2,5)
a
TYP
4
1
6
3
5
2
C
C
CIRCUIT DIAGRAM
C: COMMON PIN
TERMINAL No. 1
TYP
TYP
TRAVEL
(2,0)
0.079
b
0.098
TYP
(2,5)
0.138
(3,5)
0.335
(8,5)
0.059±.002
(1,5±0,05)
0.098
(2,5)
0.024
(0,6)
0.040
(1,0)
0.256
(6,5)
0.014
(0,35)
0.130±.016
(3,3±0,4)
0.012
(0,30)
C&K
C&K
CONTACT RATING: 6 VDC @ 0.3A
ELECTRICAL LIFE: 5,000 make-and-break cycles.
CONTACT RATING: 30 VDC @ 0.1A
ELECTRICAL LIFE: 15,000 make-and-break cycles.


Similar Part No. - JS202011CQN

ManufacturerPart #DatasheetDescription
logo
C&K Components
JS202011CQN CK-COMPONENTS-JS202011CQN Datasheet
1Mb / 15P
Sub-Miniature Slide Switches
22 Sep 22
JS202011CQN CK-COMPONENTS-JS202011CQN Datasheet
2Mb / 15P
Sub-Miniature Slide Switches
22 Sep 22
JS202011CQNL CK-COMPONENTS-JS202011CQNL Datasheet
2Mb / 15P
Sub-Miniature Slide Switches
22 Sep 22
JS202011CQNR CK-COMPONENTS-JS202011CQNR Datasheet
2Mb / 15P
Sub-Miniature Slide Switches
22 Sep 22
More results

Similar Description - JS202011CQN

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
SUB-MINIATURE SLIDE SWITCHES
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
Sub-Miniature Slide Switches
logo
C&K Components
JSM CK-COMPONENTS-JSM Datasheet
295Kb / 5P
Sub-Miniature Slide Switches
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
logo
E-SWITCH
500A E-SWITCH-500A_1 Datasheet
210Kb / 2P
SLIDE SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
48BFSP1M6RT GRAYHILL-48BFSP1M6RT Datasheet
91Kb / 1P
Sub-Miniature Slide Switches
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
Sub-Miniature Slide Switches
22 Sep 22
JSM CK-COMPONENTS-JSM_V01 Datasheet
277Kb / 2P
Sub-Miniature Slide Switches
20 Jul 21
JS-SERIES CK-COMPONENTS-JS-SERIES Datasheet
2Mb / 15P
Sub-Miniature Slide Switches
22 Sep 22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com