Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT334 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT334
Description  High Performance ActivePSR??Primary Switching Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT334 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT334 Datasheet HTML 1Page - Active-Semi, Inc ACT334 Datasheet HTML 2Page - Active-Semi, Inc ACT334 Datasheet HTML 3Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
ActivePSR
TM is a trademark of Active-Semi.
High Performance ActivePSR
TM Primary Switching Regulator
FEATURES
Ultra Low Standby Power < 30mW
Patented Primary Side Regulation
Technology
Suitable Operation Frequency up to 85kHZ
Proprietary Fast Startup Circuit
Integrated Line and Primary Inductance
Compensation
Integrated Programmable Output Cord
Resistance Compensation
Line Under-Voltage, Output Over-Voltage,
Output Short-Circuit and Over-Temperature
Protection
Complies with all Global Energy Efficiency
and CEC Average Efficiency Standards
Adjustable Power from 2W to 6W
Minimum External Components
Tiny SOT23-6 Package
APPLICATIONS
Chargers for Cell Phones, PDAs, MP3,
Portable Media Players, DSCs, and Other
Portable Devices and Appliances
RCC Adapter Replacements
Linear Adapter Replacements
Standby and Auxiliary Supplies
GENERAL DESCRIPTION
The ACT334 belongs to the high performance
patented ActivePSR
TM
Family of Universal-input
AC/DC off-line controllers for battery charger and
adapter applications. It is designed for flyback
topology working in discontinuous conduction mode
(DCM). The ACT334 meets all of the global energy
efficiency regulations (CEC, European Blue Angel,
and US Energy Star standards) while using very
few external components.
The ACT334 ensures safe operation with complete
protection
against
all
fault
conditions.
Built-in
protection circuitry is provided for output short-
circuit, output over-voltage, line under-voltage, and
over temperature conditions.
The ACT334 ActivePSR
TM
is optimized for high
performance,
cost-sensitive
applications,
and
utilizes
Active-Semi’s
proprietary
primary-side
feedback architecture to provide accurate constant
voltage,
constant
current
(CV/CC)
regulation
without the need of an opto-coupler or reference
device. Integrated line and primary inductance
compensation circuitry provides accurate constant
current operation despite wide variations in line
voltage and primary inductance. Integrated output
cord resistance compensation further enhances
output accuracy. The ACT334 achieves excellent
regulation and transient response, yet requires less
than 30mW of standby power.
The ACT334 is optimized for compact size 2W to
6W charger applications. It is available in space-
saving 6 pin SOT23-6 package.
Figure 1:
Simplified Application Circuit
ACT334
Product Brief, 15-Apr-11
®


Similar Part No. - ACT334

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT334 ACTIVE-SEMI-ACT334 Datasheet
287Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 2, 14-Nov-12
ACT334 ACTIVE-SEMI-ACT334 Datasheet
287Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 14-Nov-12
ACT334US-T ACTIVE-SEMI-ACT334US-T Datasheet
287Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 2, 14-Nov-12
ACT334US-T ACTIVE-SEMI-ACT334US-T Datasheet
287Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 14-Nov-12
ACT334 ACTIVE-SEMI-ACT334_12 Datasheet
287Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 2, 14-Nov-12
More results

Similar Description - ACT334

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT336 ACTIVE-SEMI-ACT336 Datasheet
108Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT337 ACTIVE-SEMI-ACT337 Datasheet
149Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT361 ACTIVE-SEMI-ACT361 Datasheet
83Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT364 ACTIVE-SEMI-ACT364 Datasheet
114Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT365 ACTIVE-SEMI-ACT365 Datasheet
134Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT334 ACTIVE-SEMI-ACT334_12 Datasheet
287Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 2, 14-Nov-12
ACT337 ACTIVE-SEMI-ACT337_12 Datasheet
402Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 2, 14-Nov-12
ACT361 ACTIVE-SEMI-ACT361_12 Datasheet
330Kb / 13P
High Performance ActivePSR Primary Switching Regulator
Rev 8, 14-Nov-12
ACT364 ACTIVE-SEMI-ACT364_12 Datasheet
274Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 4, 14-Nov-12
ACT365 ACTIVE-SEMI-ACT365_12 Datasheet
266Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 1, 14-Nov-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com